Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 27Page - STMicroelectronics STCF04TBR Datasheet HTML 28Page - STMicroelectronics STCF04TBR Datasheet HTML 29Page - STMicroelectronics STCF04TBR Datasheet HTML 30Page - STMicroelectronics STCF04TBR Datasheet HTML 31Page - STMicroelectronics STCF04TBR Datasheet HTML 32Page - STMicroelectronics STCF04TBR Datasheet HTML 33Page - STMicroelectronics STCF04TBR Datasheet HTML 34Page - STMicroelectronics STCF04TBR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
STCF04
Theory of operation
Doc ID 022927 Rev 3
31/43
10.5
Idle mode
In this mode all internal blocks are turned ON. The DC-DC converter can be enabled by
setting the CHRG bit to 1. If it is enabled, the SuperCap is automatically charged. The NTC
circuit can be activated to monitor the temperature of the LED and I²C commands and
register settings are allowed to be executed immediately. The device enters this mode:
●
from Monitoring when setting the PWR_ON bit
●
from flash operation by resetting the FLASH pin or the FLASH_ON bit, or automatically
from flash operation when the time counter reaches zero
●
from torch operation by resetting the TCH_ON bit.
The device automatically enters this mode also when an overload or an abnormal condition
has been detected during flash or torch operation (see
Table 17).
10.6
AUX LED
The STCF04 is capable of driving an auxiliary LED. Its cathode is always connected to the
AUXLED pin, while its anode can be connected either to the VBAT or VOUT pin. Connecting it
to the VOUT pin is particularly advantageous in case of high AUXLED currents. The
maximum values of AUXLED currents are guaranteed only for anode voltages higher than
3.3 V, but VBAT may range from 2.7 V to 5.5 V, so in some cases it may not be possible to
use maximum currents.
10.7
Single or multiple flash using external (microprocessor)
temporization
To avoid the I²C bus time latency, it is recommended to use the dedicated FLASH pin to
define the flash duration (hard-triggering). The FLASH_ON bit of CMD_REG should be set
before starting each flash operation, because it may have been reset automatically in the
previous flash operation.
The flash duration is determined by the pulse length that drives the FLASH pin. As soon as
the flash is activated, the system needs typically 0.3 ms to ramp up the output current on the
power LED. The internal time counter times out flash operation and keeps the LED
dissipated energy within safe limits in case of software deadlock; the FTIM register must be
set first.
Multiple flashes are possible by strobing the FLASH pin. The timeout counter cumulates
every flash ON-time until the defined timeout is reached unless it is reloaded by updating the
CMD_REG. The number of the flashes depends on VFLED, when the SuperCap is
discharged down to 4.2 V, the device goes automatically into Idle mode. After a flash
operation is timed out, the device automatically enters Idle mode by resetting the
FLASH_ON bit, and it also resets the F_RUN bit. The ATN pin is pulled down to inform the
microprocessor that the STAT_REG has been updated. Multiple flash is possible to trigger
as long as the READY pin is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com