Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 15Page - STMicroelectronics STCF04TBR Datasheet HTML 16Page - STMicroelectronics STCF04TBR Datasheet HTML 17Page - STMicroelectronics STCF04TBR Datasheet HTML 18Page - STMicroelectronics STCF04TBR Datasheet HTML 19Page - STMicroelectronics STCF04TBR Datasheet HTML 20Page - STMicroelectronics STCF04TBR Datasheet HTML 21Page - STMicroelectronics STCF04TBR Datasheet HTML 22Page - STMicroelectronics STCF04TBR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
STCF04
Detailed description
Doc ID 022927 Rev 3
19/43
8.1.10
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first. One data bit is transferred during each clock
pulse. The data on the SDA line must remain stable during the HIGH period of the clock
pulse. Any change in the SDA line at this time is interpreted as a control signal.
Figure 7.
Bit transfer
8.1.11
Acknowledge
The master (microprocessor) puts a resistive HIGH level on the SDA line during the
acknowledge clock pulse (see
Figure 8). The peripheral (STCF04) that acknowledges must
pull down (LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is
stable LOW during this clock pulse. The peripheral which has been addressed must
generate an acknowledge pulse after the reception of each byte, otherwise the SDA line
remains at the HIGH level during the ninth clock pulse duration. In this case, the master
transmitter can generate the STOP information in order to abort the transfer. The STCF04
does not generate the acknowledge bit if the VI supply is below 2.7 V.
Figure 8.
Acknowledge on I²C bus
8.1.12
Interface protocol
The interface protocol is composed of (
Table 8):
- A START condition (START)
- A device address + R/W bit (read =1 / write =0)
- A register address byte
AM11867v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com