Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 22Page - STMicroelectronics STCF04TBR Datasheet HTML 23Page - STMicroelectronics STCF04TBR Datasheet HTML 24Page - STMicroelectronics STCF04TBR Datasheet HTML 25Page - STMicroelectronics STCF04TBR Datasheet HTML 26Page - STMicroelectronics STCF04TBR Datasheet HTML 27Page - STMicroelectronics STCF04TBR Datasheet HTML 28Page - STMicroelectronics STCF04TBR Datasheet HTML 29Page - STMicroelectronics STCF04TBR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Description of the internal registers
STCF04
26/43
Doc ID 022927 Rev 3
9.4
Status (STAT_REG) 03(hex)
F_RUN: this bit is kept HIGH by the STCF04 during Flash mode. By checking this bit, the
microprocessor can verify if the Flash mode is running or has been terminated by the time
counter.
FL_R: (FLASH ready) this bit is set to 0 if the SuperCap voltage is not high enough to make
a flash.
NTC_W: this bit is set HIGH by the STCF04 and the ATN pin is pulled down, when the
voltage seen on the pin RX exceeds VREF4 = 0.56 V. This threshold corresponds to a
warning temperature value at the LED measured by the NTC. The device is still operating,
but a warning is sent to the microprocessor. This bit stays high until the temperature goes
below the threshold.
NTC_H: this bit is set HIGH by the STCF04 and the ATN pin is pulled down, when the
voltage seen on the pin RX exceeds VREF5 = 1.2 V. This threshold corresponds to an excess
temperature value at the LED measured by the NTC. The device is put into Idle mode to
avoid damaging the LED. This bit is reset by the STCF04 following a read operation of the
STAT_REG.
OT_F: this bit is set HIGH by the STCF04 and the ATN pin is pulled down, when the chip
overtemperature protection (~140 °C) has put the device into Idle mode. This bit is reset by
the STCF04 following a read operation of the STAT_REG.
FL_OVR: this bit is set HIGH, if the flash operation is terminated by the light sensor.
LTH: this bit is set HIGH when the local temperature protection for the SuperCap charging
circuit is activated.
Table 16.
Auxiliary LED timing table
AUXT (hex)
0
1
2345
6789
A
B
C
D
E
F
AUX LED
time [s]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
∞
Table 17.
Status register
STAT_REG
(Read mode)
MSB
LSB
SUB ADD=03
N/A
F_RUN
FL_R
NTC_W
NTC_H
OT_F
FL_OVR
LTH
Power-ON, Shutdown
mode RESET value
000
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com