Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Key code set 1
Key Number
Make/Break Code
Key Number
Make/Break Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
29/A9
02/82
03/83
04/84
05/85
06/86
07/87
08/88
09/89
0A / 8A
0B/8B
0C/8C
0D/8D
7D/FD
0E/8E
0F/8F
10/90
11/91
12/92
13/93
14/94
15/95
16/96
17/97
18/98
19/99
1A / 9A
1B/9B
2B/AB
3A / BA
1E/9E
1F/9F
20/A0
21/A1
22/A2
23/A3
24/A4
25/A5
26/A6
27/A7
28/A8
2B/AB
1C/9C
2A / AA
56/D6
2C/AC
2D/AD
2E/AE
2F/AF
50
51
52
53
54
55
56
57
58
60
61
62
64
90
91
92
93
96
97
98
99
100
101
102
103
104
105
106
107
108
110
112
113
114
115
116
117
118
119
120
121
122
123
125
131
132
133
30/B0
31/B1
32/B2
33/B3
34/B4
35/B5
73/F3
36/B6
1D/9D
38/B8
39/B9
E0 38/E0B8
E0 1D/E09D
45/C5
47/C7
4B/CB
4F/CF
48/C8
4C/CC
50/D0
52/D2
37/B7
49/C9
4D/CD
51/D1
53/D3
4A / CA
4E/CE
7E/FE
E0 1C/E09C
01/81
3B/BB
3C/BC
3D/BD
3E/BE
3F/BF
40/C0
41/C1
42/C2
43/C3
44/C4
57/D7
58/D8
46/C6
7B/FB
79/F9
70/F0
HT82K28A
10
February 16, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com