Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82K28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Key code set 3
Key #
Make/
Break Code Note
Default Key
State
Key #
Make/
Break Code Note
Default Key
State
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
0E/F00E
16/F016
1E/F01E
26/F026
25/F025
2E/F02E
36/F036
3D/F03D
3E/F03E
46/F046
45/F045
4E/F04E
55/F055
5D / F0 5D
66/F066
0D/F00D
15/F015
1D/F01D
24/F024
2D/F02D
2C/F02C
35/F035
3C/F03C
43/F043
44/F044
4D/F04D
54/F054
5B/F05B
5C/F05C
14/F014
*
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Make/Break
57
58
60
61
62
64
75
76
79
80
81
83
84
85
86
89
90
91
92
93
95
96
97
98
99
100
101
102
103
104
59/F059
11/F011
19/F019
29/F029
39/F039
58/E058
67/F067
64/F064
61/F061
6E/F06E
65/F065
63/F063
60/F060
6F/F060
6D/F06D
6A/F06A
76/F076
6C/F06C
6B/F06B
69/F069
77/F077
75/F075
73/F073
72/F072
70/F070
7E/F07E
7D/F07D
74/F074
7A/F07A
71/F071
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
Make/Break
Make/Break
Make/Break
Typematic
Make Only
Make Only
Make Only
Typematic
Typematic
Make Only
Make Only
Typematic
Typematic
Make Only
Make Only
Typematic
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
HT82K28A
14
February 16, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com