Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82K28 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin Description
Pin No.
Pin Name I/O
Description
1
OSC1
I
System clock input
2, 4
VSS
¾ Negative power supply, ground
3
VDD
¾ Positive power supply
5, 6
IO0~IO1
O
Customer defined optional output lines
39, 40,
7~12
C0~C7
I
Keyboard matrix scanning input pins
16~23, 28,
29, 13~15
24, 26, 27
33, 35
R0~R18
O
Keyboard matrix scanning output pins
25, 34
NC
¾ No connection
30
SCRL
O
LED pin
31
NUM
O
LED pin
32
CAP
O
LED pin
37
CLOCK
I/O Synchronous clock signal. Used to clock the transmission data
38
DATA
I/O Bidirectional data transmission line
Absolute Maximum Ratings
Supply Voltage............................4.75V to 5.25V
Input Voltage.................VSS-0.3V to VDD+0.3V
Storage Temperature.................-55°Cto125°C
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT82K28A
2
February 16, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com