Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K28 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HT82K28A
5
February 16, 2000
Power-on
Two important activities take place when power
is first applied to the keyboard. The first is the
presence of an H/W signal POR (Power-On-Re-
set) that resets the keyboard processor. The sec-
ond activity is the running of the self test BAT
(Basic Assurance Test) routine.
PC-type/mode/code set
The following table describes the relationship
between different computer types, the working
mode and the code sets.
PS/2 30
mode 1
code set 1
PC-AT
mode 2
code set 2
PS/2 50
mode 2
code set 2
PS/2 60
mode 2
code set 2
PS/2 80
mode 3
code set 3
The mode can be changed between mode 2 & 3.
Keys
· For code set 1, 2
All keys except the PAUSE key have a make
and break code. The PAUSE key has a make
code only.
The defaults except for PAUSE are make/
break/typematic. In mode 1, 2 and 3 the key
type may be changed to be one of the follow-
ing:
¨
Typematic
¨
Make/break
¨
Make
¨
Typematic/make/break
All keys except PAUSE are typematic.
Typematic means that the KB keeps send-
ing make codes if the key is held down.
The data report is according to the
typematic rate/delay:
Default values are: delay 500ms ± 20%
10.9 char/sec ± 20%
The typematic rate and delay can be modi-
fied with the F3 command.
¨
If two or more keys are held down, only the
last key pressed repeats at the typematic
rate.
Typematic operation stops when the last
key pressed is released even if other keys
are still held down.
If a key is pressed and held down while key-
board transmission is inhibited, only the
first make code is stored in the buffer over-
flow as a result of typematic action.
Four key types are supported as shown:
Key type
press
hold
release
Typematic
Make/break
Make
Typematic/
make/break
make1
make1
make1
make1
make2
X
X
make2
X
break
X
break
Note: "make1" send out only one make
code.
"Make2" continue sending out make
codes until key is released.
"X" nothing sent out.
· For code set 3
¨
Typematic
¨
Make/break
¨
Make
¨
Typematic/make/break
Can be configured by command
Time interval between phantoms
The time interval between two continuous error
codes 00/FF sent while phantom detected=
1000ms ± 20%
P O R
R es et
150 m s ~ 2 s
300 m s ~ 500 m s
450 m s ~ 2 . 5 s e c
P o w e r on s t ar t
B A T s t a r t ed
B A T com pl et e
m ode1
m ode2
m ode3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com