Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K28 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions Min. Typ. Max. Unit
VDD
Operating Voltage
¾
4.75
5
5.25
V
IDD
Operating Current
¾¾
25
mA
VIL
Input Low Voltage (C0~C7)
¾
0
¾
0.6
V
Input Low Voltage (DATA, CLOCK)
¾
0
¾
0.6
V
VIH
Input High Voltage
¾
3.5
¾
VDD
V
VOL
Output Low Voltage (R0~R18)
IOL=10mA
¾¾
0.5
V
Output Low Voltage (DATA, CLOCK)
IOL=15mA
¾¾
0.5
V
Rph
Internal Pull-high Resistance (C0~C7)
¾
510
20
kW
Internal Pull-high Resistance
(CLOCK, DATA)
¾
25
15
kW
fSYS
System Clock
¾¾
4
¾
MHz
HT82K28A
3
February 16, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com