Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82K28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Circuits
HT82K28A
17
February 16, 2000
HT 8 2 K2 8 A
0. 1 m F
DA T A
VD D
GN D
CL O C K
L E D S C R L
L E D N U M
L E D C A P
V DD
F. B .
IO 0
IO 1
CA P
NU M
S CRL
NC
NC
NC
DA T A
CL O C K
3
4
1
2
38
37
32
31
30
5
6
25
34
36
27
26
24
15
14
13
29
28
23
22
21
20
19
18
17
16
12
11
10
9
8
7
40
39
33
35
C2
C3
C4
C5
C6
C7
R1 0
R1 1
R1 2
R0
R1
R2
R3
R4
C1
C0
R1 6
R1 7
R9
R8
R1 5
R1 4
R1 3
R7
R6
R5
OS C 1
VS S
VD D
VS S
10 m F
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com