Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Key code set 2
Key Number
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
E0 70
/E0 F0 72
E0 71
/E0 F0 71
E0 6B
/E0 F0 6B
E0 6C
/E0 F0 6C
E0 69
/E0 F0 69
E0 75
/E0 F0 75
E0 72
/E0 F0 72
E0 7D
/E0 F0 7D
E0 7A
/E0 F0 7A
E0 74
/E0 F0 74
E0 F0 12 E0 70
/E0 F0 70 E0 12
E0 F0 12 E0 70
/E0 F0 71 E0 12
E0 F0 12 E0 70
/E0 F0 6B E0 12
E0 F0 12 E0 70
/E0 F0 6C E0 12
E0 F0 12 E0 70
/E0 F0 69 E0 12
E0 F0 12 E0 70
/E0 F0 75 E0 12
E0 F0 12 E0 70
/E0 F0 72 E0 12
E0 F0 12 E0 70
/E0 F0 7D E0 12
E0 F0 12 E0 70
/E0 F0 7A E0 12
E0 F0 12 E0 70
/E0 F0 74 E0 12
E0 F0 59 E0 70
/E0 F0 70 E0 59
E0 F0 59 E0 71
/E0 F0 71 E0 59
E0 F0 59 E0 6B
/E0 F0 6B E0 59
E0 F0 59 E0 6C
/E0 F0 6C E0 59
E0 F0 59 E0 69
/E0 F0 69 E0 59
E0 F0 59 E0 75
/E0 F0 75 E0 59
E0 F0 59 E0 72
/E0 F0 72 E0 59
E0 F0 59 E0 7D
/E0 F0 7D E0 59
E0 F0 59 E0 7A
/E0 F0 7A E0 59
E0 F0 59 E0 74
/E0 F0 74 E0 59
E0 12 E0 70
/E0 F0 70 E0 F0 12
E0 12 E0 71
/E0 F0 71 E0 F0 12
E0 12 E0 6B
/E0 F0 6B E0 F0 12
E0 12 E0 6C
/E0 F0 6C E0 F0 12
E0 12 E0 69
/E0 F0 69 E0 F0 12
E0 12 E0 75
/E0 F0 75 E0 F0 12
E0 12 E0 72
/E0 F0 72 E0 F0 12
E0 12 E0 7D
/E0 F0 7D E0 F0 12
E0 12 E0 7A
/E0 F0 7A E0 F0 12
E0 12 E0 74
/E0 F0 74 E0 F0 12
LWin
E0 1F
E0 F0 12 1F
E0 F0 59 E0 1F
E0 12 E0 1F
/E0 F0 1F
/E0 F0 1F E0 12
/E0 F0 1F E0 59
/E0 F0 1F E0 F0 12
RWin
E0 27
E0 F0 12 27
E0 F0 59 E0 27
E0 59 E0 27
/E0 F0 27
/E0 F0 27 E0 12
/E0 F0 27 E0 59
/E0 F0 27 E0 F0 12
APP
E0 2F
E0 F0 12 2F
E0 F0 59 E0 2F
E0 59 E0 2F
/E0 F0 2F
/E0 F0 2F E0 12
/E0 F0 2F E0 59
/E0 F0 2F E0 F0 59
When both shift keys are held down:
key number 75
Both Shift
E0 F0 12 E0 F0 59 E0 70
/E0 F0 70 E0 12 E0 59
Key Number
Base
+Left-Shift
+Right-Shift
95
E0 4A
/E0 F0 4A
E0 F0 12 E0 4A
/E0 F0 4A E0 12
E0 F0 59 E0 4A
/E0 F0 4A E0 59
When both shift keys are held down:
key number 95
Both Shift
E0 F0 12 E0 F0 59 E0 4A
/E0 F0 4A E0 12 E0 59
Key Number
Base
+Shift / +Ctrl
+Alt
124
E0 12 E0 7C
/E0 F0 7C E0 12
E0 7C
/E0 F0 7C
84/F084
Key Number
Base
+Ctrl
126
E1 14 77 E1 F0 14 F0 77
E0 7E E0 F0 7E
Note: this key is not typematic, all associated scan codes occur on the make of the key.
ACPI key
Make
Break
Windows Virtual Key
Power
E0 37
E0 F0 37
N/A
Sleep
E0 3F
E0 F0 3F
N/A
Wake
E0 5E
E0 F0 5E
N/A
HT82K28A
13
February 16, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com