Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1-333
Switching Specifications (T
A = 25°C)
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
t
PLH
-2
5
µsV
CC = 6 V, IF = 5 mA,
7,
2, 6
Time to High Output
R
L1 = 5 Ω, RL2 = 10 Ω
24,
Level
25
Propagation Delay Time
t
PHL
-2
5
to Low Output Level
Rise Time
t
r
-
0.2
1
Fall Time
t
f
-
0.1
1
Output High Level
|CM
H|
1500
-
-
V/
µsV
CM = 600 V Peak,8
2
Common Mode
I
F = 5mA, RL1 = 470 Ω,
Transient Immunity
R
L2 = 1 kΩ, ∆V02H = 0.5 V
Output Low Level
|CM
L|
1500
-
-
V/
µsV
CM = 600 V Peak,
Common Mode
I
F = 0 mA, RL1 = 470 Ω,
Transient Immunity
R
L2 = 1 kΩ, ∆V02L = 0.5 V
Package Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
V
ISO
5000
V rms
RH = 40% to 60%,
4, 5
Withstand Voltage*
t = 1 min., T
A = 25°C
Resistance
R
I-O
5x1010 1011
–
Ω
V
I-O = 500 V, TA = 25°C,
4
(Input-Output)
RH = 40% to 60%
Capacitance
C
I-O
–
1.2
–
pF
f = 1 MHz
4
(Input-Output)
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your
equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
Notes:
1. Derate absolute maximum ratings with ambient temperatures as shown in Figures 9, 10, and 11.
2. A bypass capacitor of 0.01
µF or more is needed near the device between V
CC and GND when measuring output and transfer
characteristics.
3. IFLH represents the forward current when the output goes from low to high.
4. Device considered a two terminal device; pins 1-4 are shorted together and pin 5-8 are shorted together.
5. For devices with minimum VISO specified at 5000 V rms, in accordance with UL1577, each optocoupler is proof-tested by applying an
insulation test voltage
≥ 6000 Vrms for one second (leakage current detection limit, I
I-O ≤ 200 µA).
6. The tPLH and tPHL propagation delays are measured from the 50% level of the input pulse to the 50% level of the output pulse.
7. R1 sets the base current (IO1 in Figure 1) supplied to the power bipolar device. R2 limits the peak current seen by Q2 when the device
is turning off. For more applications and circuit design information see Application Note “Power Transistor Gate/Base Drive
Optocouplers.”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com