Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1-330
Regulatory Information
The HCPL-3000 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition Program,
File E55361.
Demonstrated ESD
Performance
Human Body Model: MIL-STD-
883 Method 3015.7: Class 2
Machine Model: EIAJ IC-121-
1988 (1988.3.28 Version 2),
Test Method 20, Condition C:
1200 V
Schematic
Outline Drawing
ANODE
CATHODE
1
2
-
+
IF
I
CC
8
7
6
5
GND
VCC
V
O2
V
O1
IO1
IO2
Q2
Q1
0.16 (0.006)
0.36 (0.014)
0
°
13
°
7.32 (0.288)
7.92 (0.312)
0
°
13
°
9.16 (0.361)
10.16 (0.400)
3.00 (0.118)
4.00 (0.157)
2.90 (0.114)
3.90 (0.154)
0.40 (0.016)
0.60 (0.024)
2.29 (0.090)
2.79 (0.110)
2.55 (0.100)
3.55 (0.140)
0.50
(0.020)
TYP
0.65 (0.026)
1.05 (0.041)
0.90 (0.035)
1.50 (0.059)
6.00 (0.236)
7.00 (0.276)
HP
XXXX
YYWW
DATE
CODE
TYPE
NUMBER
87
6
5
12
3
4
GND
ANODE
CATHODE
VO2
VO1
VCC
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com