Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1-334
Figure 3. Test Circuit for High Level Output Voltage VO2H.
Figure 2. Test Circuit for Low Level Output Voltage VO1L.
Figure 7. Test Circuit for tPLH, tPHL, tr and tf.
Figure 5. Test Circuit for Leakage Current IO2L.
Figure 4. Test Circuit for Leakage Current IO1L.
Figure 6. Test Circuit for Threshold Input Current IFLH.
VCC
RL2
VO2
–
+
IF
-
+
RL1
SWEEP
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC
VCC
I O2L
-
+
I F
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC
VCC
I O1L
-
+
I F
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC
VO2H
VCC
I O2
–
+
-
+
I F
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC
I F
VCC
R L2
VO1L
I O1
-
+
–
+
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC
IF
V IN
t = t = 0.01
µs
Z = 50
Ω
tf
tr
t PLH
t PHL
50%
90%
50%
10%
V
WAVE FORM
V
WAVE FORM
IN
02
rf
VCC
R L2
VO2
–
+
-
+
R L1
o
47
Ω
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com