Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1-329
Power Bipolar Transistor
Base Drive Optocoupler
Technical Data
Features
• High Output Current
I
O2 (2.0 A Peak, 0.6 A
Continuous)
I
O1 (1.0 A Peak, 0.5 A
Continuous)
• 1.5 kV/
µs Minimum Common
Mode Rejection (CMR) at
V
CM = 600 V
• Wide V
CC Range (5.4 to 13
Volts)
• 2
µs Typical Propagation
Delay
• Recognized under UL 1577
for Dielectric Withstand
Proof Test Voltage of 5000
Vac, 1 Minute
Applications
• Isolated Bipolar Transistor
Base Drive
• AC and DC Motor Drives
• General Purpose Industrial
Inverters
• Uninterruptable Power
Supply
Description
The HCPL-3000 consists of a
Silicon-doped GaAs LED optically
coupled to an integrated circuit
with a power output stage. This
optocoupler is suited for driving
power bipolar transistors and
power Darlington devices used in
motor control inverter applica-
tions. The high peak and steady
state current capabilities of the
output stage allow for direct
interfacing to the power device
without the need for an interme-
diate amplifier stage. With a CMR
rating of 1.5 kV/
µs this optocoup-
ler readily rejects transients found
in inverter applications.
The LED controls the state of the
output stage. Transistor Q2 in the
output stage is on with the LED
off, allowing the base of the
power device to be held low.
Turning on the LED turns off
transistor Q2 and switches on
transistor Q1 in the output stage
which provides current to drive
the base of a power bipolar
device.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
THE USE OF A 0.1
µF BYPASS CAPACITOR CONNECTED BETWEEN PINS 8 AND 7 IS RECOMMENDED. ALSO, CURRENT LIMITING
RESISTORS ARE RECOMMENDED (SEE FIGURE 1, NOTE 2, AND NOTE 7).
HCPL-3000
H
GND
ANODE
CATHODE
VO2
VO1
VCC
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
TRUTH TABLE
LED
ON
OFF
OUTPUT
HIGH LEVEL
LOW LEVEL
Q1
ON
OFF
Q2
OFF
ON
5965-3584E


Similar Part No. - HCPL3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3150 HP-HCPL3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Similar Description - HCPL3000

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3000 AVAGO-HCPL-3000 Datasheet
418Kb / 10P
Isolated bipolar transistor base drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com