Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1-336
Figure 21. Typical Low Level Output 2
Voltage vs. Ambient Temperature.
Figure 20. Typical Low Level Output 2
Voltage vs. Output 2 Current.
Figure 19. Typical High Level Output 2
Voltage vs. Ambient Temperature.
Figure 15. Normalized Low to High
Threshold Input Current vs. Ambient
Temperature.
Figure 14. Normalized Low to High
Threshold Input Current vs. Supply
Voltage.
Figure 13. Typical Forward Current
vs. Forward Voltage.
Figure 18. Typical High Level Output 2
Voltage vs. Output 2 Current.
Figure 17. Typical Low Level Output 1
Voltage vs. Ambient Temperature.
Figure 16. Typical Low Level Output 1
Voltage vs. Output 1 Current.
5.4
5.3
5.2
5.1
5.0
4.9
4.8
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
OUTPUT 2 CURRENT I
(A)
02
T = 25°C
A
V
= 6 V
CC
I = 5 mA
F
1.2
1.1
1.0
0.9
0.8
0.7
4
6
8
10
12
14
SUPPLY VOLTAGE V
(V)
CC
T = 25°C
A
0.5
0.4
0.3
0.2
0.1
0
-25
0
25
50
75
100
R
= 10
Ω
L2
I
= 0.5 A
01
0.4 A
0.1 A
AMBIENT TEMPERATURE T (°C)
A
V
= 6 V
CC
I = 5 mA
F
0.4
0.2
0.1
0.05
0.02
0.01
0.01
0.02
0.05
0.1
0.2
0.5
1.0
0.005
OUTPUT 2 CURRENT I
(A)
02
T = 25°C
A
V
= 6 V
CC
I
= 0 mA
F
500
100
20
1
0
0.5
1.0
1.5
2.0
2.5
3.0
FORWARD VOLTAGE VF (V)
5
200
50
10
2
3.5
-20°C
0°C
50°C
TA = 75°C
25°C
1.6
1.4
1.2
1.0
0.8
0.6
-25
0
25
50
75
100
VCC = 6 V
AMBIENT TEMPERATURE TA (°C)
0.4
0.2
0.1
0.05
0.02
0.01
0.01
0.02
0.05
0.1
0.2
0.5
1.0
OUTPUT 1 CURRENT I01 (A)
0.005
R
= 10
Ω
L2
I
= 5 mA
F
T = 25°C
A
V
= 6 V
CC
5.4
5.3
5.2
5.1
5.0
4.9
4.8
-25
0
25
50
75
100
-0.4 A
I
= -0.1 A
O2
-0.5 A
V
= 6 V
CC
AMBIENT TEMPERATURE TA (°C)
I
= 5 mA
F
0.5
0.4
0.3
0.2
0.1
0
-25
0
25
50
75
100
I
= 0.6 A
0.5 A
O2
0.1 A
V
= 6 V
CC
AMBIENT TEMPERATURE TA (°C)
I
= 0 mA
F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com