Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HCPL3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1-335
Figure 12. Typical Peak Output 2
Current vs. Output 2 Voltage (Safe
Operating Area Q2).
Figure 11. Maximum Total Power
Dissipation vs. Ambient Temperature.
Figure 10. Maximum IC Output Power
Dissipation vs. Ambient Temperature.
Figure 9. LED Forward Current vs. Ambient Temperature.
Figure 8. Test Circuit for CMH and CML.
30
25
20
15
10
5
0
-20
0
25
50
75
100
80
AMBIENT TEMPERATURE T (°C)
A
10.0
5.0
2.0
1.0
0.5
0.2
0.2
0.5
1.0
2.0
5.0
10.0
20.0
OUTPUT 2 VOLTAGE V
(V)
02
0.1
I
MAX (PULSE)
02
T = 25°C
A
DC (T = 80°C)
A
I •
DC
S
I
MAX (CONTINUOUS)
02
100 ms•
10 ms• 1 ms•
V
(MAX)
CC
• SINGLE OSC.
PULSE
600
500
400
300
200
100
0
-20
0
25
50
75
100
80
AMBIENT TEMPERATURE TA (°C)
600
500
400
300
200
100
0
-20
0
25
50
75
100
80
550
AMBIENT TEMPERATURE TA (°C)
I F
VO2
VCC
–
-
+
+
AB
SW
VCM
–
+
GND
VCM
VO2H
VO2L
GND
∆ V
O2L
∆ VO2H
VCM
SW AT B, I = 0 mA
F
CM , V
LO2
CM , V
HO2
SW AT A, I = 5 mA
F
RL2
RL1
Q2
Q1
8
7
6
5
1
2
3
4
HCPL-3000
GND
VO2
VO1
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com