Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL3000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL3000
Download  HCPL3000 Download
File Size   217.59 Kbytes
Page   9 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Power Bipolar Transistor Base Drive Optocoupler

HCPL3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL3000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL3000
Download  HCPL3000 Click to download

File Size   217.59 Kbytes
Page   9 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Power Bipolar Transistor Base Drive Optocoupler

HCPL3000 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL3000 Product details

Description
The HCPL-3000 consists of a Silicon-doped GaAs LED optically coupled to an integrated circuit with a power output stage. This optocoupler is suited for driving power bipolar transistors and power Darlington devices used in motor control inverter applications. The high peak and steady state current capabilities of the output stage allow for direct interfacing to the power device without the need for an intermediate amplifier stage. With a CMR rating of 1.5 kV/µs this optocoupler readily rejects transients found in inverter applications.

Features
• High Output Current
   IO2 (2.0 A Peak, 0.6 A
   Continuous)
   IO1 (1.0 A Peak, 0.5 A
   Continuous)
• 1.5 kV/µs Minimum Common
   Mode Rejection (CMR) at
   VCM = 600 V
• Wide VCC Range (5.4 to 13 Volts)
• 2 µs Typical Propagation Delay
• Recognized under UL 1577
   for Dielectric Withstand
   Proof Test Voltage of 5000
   Vac, 1 Minute

Applications
• Isolated Bipolar Transistor Base Drive
• AC and DC Motor Drives
• General Purpose Industrial Inverters
• Uninterruptable Power Supply




Similar Part No. - HCPL3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3150 HP-HCPL3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Similar Description - HCPL3000

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3000 AVAGO-HCPL-3000 Datasheet
418Kb / 10P
Isolated bipolar transistor base drive
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com