Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 6Page - Semtech Corporation SC3303 Datasheet HTML 7Page - Semtech Corporation SC3303 Datasheet HTML 8Page - Semtech Corporation SC3303 Datasheet HTML 9Page - Semtech Corporation SC3303 Datasheet HTML 10Page - Semtech Corporation SC3303 Datasheet HTML 11Page - Semtech Corporation SC3303 Datasheet HTML 12Page - Semtech Corporation SC3303 Datasheet HTML 13Page - Semtech Corporation SC3303 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
SC3303
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
BST
Bootstrap pin — A capacitor is connected between BST and LX to develop the floating voltage for the
high-side gate drive.
2
VIN
Power input supply voltage
3
LX
Switching (phase) node
4
PGND
Power ground
5
PGOOD
Open-drain power good indicator — High impedance indicates power is good. An external pull-up
resistor is required.
6FB
Feedback input for switching regulator — Connect to an external resistor divider from the output to pro-
gram the output voltage.
7EN
Enable input for switching regulator —Pull EN high to enable the part with ultrasonic power save mode en-
abled. Connect to AGND to disable the switching regulator. A voltage divider can be added between VIN and
AGND pins for input UVLO functionality.
8
TON
On-time set input — Set the on-time by connecting a series resistor to AGND.
9
AGND
Analog Ground.
10
LDO
Output for the internal LDO and internal connection to the bias node — Decoupling capacitors are required
to AGND and PGND regardless of the use of the LDO for external loads.
PAD
Thermal pad for heat-sinking purposes. (Not connected internally) Connect to AGND plane using multiple
vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com