Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 11Page - Semtech Corporation SC3303 Datasheet HTML 12Page - Semtech Corporation SC3303 Datasheet HTML 13Page - Semtech Corporation SC3303 Datasheet HTML 14Page - Semtech Corporation SC3303 Datasheet HTML 15Page - Semtech Corporation SC3303 Datasheet HTML 16Page - Semtech Corporation SC3303 Datasheet HTML 17Page - Semtech Corporation SC3303 Datasheet HTML 18Page - Semtech Corporation SC3303 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
SC3303
15
Applications Information (continued)
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (825mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after
DH on-time pulse
Normal VOUT ripple
Figure 6 — Smart Power Save
Current Limit Protection
Programmable current limiting is accomplished by using
the RDS
ON
of the lower MOSFET for current sensing. The
current limit is set by an internal resistor R
ILIM
. The resistor
connects from an ILIM node to the LX node which is also
the drain of the low-side MOSFET. When the low-side
MOSFET is on, an internal ~10μA current flows from the
ILIM Node and through the R
ILIM
resistor, creating a voltage
drop across the resistor. While the low-side MOSFET is on,
the inductor current flows through it and creates a voltage
across the RDS
ON
. The voltage across the MOSFET is nega-
tive with respect to ground. If this MOSFET voltage drop
exceeds the voltage across R
ILIM
, the voltage at the ILIM
node will be negative and current limit will activate. The
current limit then keeps the low-side MOSFET on and will
not allow another high-side on-time, until the current in the
low-side MOSFET reduces enough to bring the ILIM voltage
back up to zero. This method regulates the inductor valley
current at the level shown by ILIM in Figure 7.
Time
IPEAK
ILOAD
ILIM
Figure 7 — Valley Current Limit
In the SC3303, the valley current limit is set to 3A. This
results in a peak inductor current of 3A plus the peak-to-
peak ripple current. In this situation, the average (load)
current through the inductor is 3A plus one-half the peak-
to-peak ripple current.
The internal 10μA current source is temperature compen-
sated at 2500ppm in order to provide tracking with the
RDS
ON
.
Peak Inductor Current
The peak current through the inductor and switching FETs
must be less than 5A. The only way to meet this require-
ment is to select the switching frequency and inductor
value such that the peak inductor current is less than or
equal to 5A when the trough of the inductor current is
3A.
Soft start of PWM Regulator
Soft start is achieved in the PWM regulator by using an
internal voltage ramp as the reference for the FB com-
parator. The voltage ramp is generated using an internal
charge pump which drives the reference from zero to
750mV in ~1.8mV increments, using an internal ~500kHz
oscillator. When the ramp voltage reaches 750mV, the
ramp is ignored and the FB comparator switches over to
a fixed 750mV threshold. During soft start the output
voltage tracks the internal ramp, which limits the start-up
inrush current and provides a controlled soft start profile
for a wide range of applications. Typical soft start ramp
time is 850μs.
During soft start the regulator turns off the low-side
MOSFET on any cycle if the inductor current falls to zero.
This prevents negative inductor current, allowing the
device to start into a pre-biased output.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. When the output voltage
is 10% below the nominal voltage, PGOOD is pulled low. It
is held low until the output voltage returns to the nominal
voltage. PGOOD is held low during soft start and activated
approximately 1ms after V
OUT
reaches regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com