Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 3 Page - Semtech Corporation

  SC3303 Datasheet HTML 1Page - Semtech Corporation SC3303 Datasheet HTML 2Page - Semtech Corporation SC3303 Datasheet HTML 3Page - Semtech Corporation SC3303 Datasheet HTML 4Page - Semtech Corporation SC3303 Datasheet HTML 5Page - Semtech Corporation SC3303 Datasheet HTML 6Page - Semtech Corporation SC3303 Datasheet HTML 7Page - Semtech Corporation SC3303 Datasheet HTML 8Page - Semtech Corporation SC3303 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
SC3303
3
Absolute Maximum Ratings
LX to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +32
VIN to PGND, EN to AGND (V). . . . . . . . . . . . . . . . . -0.3 to +32
VIN to LDO (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3
BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +38
LDO to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
FB, PGOOD, TON (V) . . . . . . . . . . . . . . . . . . . . -0.3 to LDO +0.3
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
Maximum Peak Inductor Current (A) . . . . . . . . . . . . . . . . . 5 . 5
Peak IR Reflow Temperature (°C ). . . . . . . . . . . . . . . . . . . . . 260
ESD Protection Level (kV)(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Supply Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . 5.5 to 28
Maximum Continuous Output Current (A) . . . . . . . . . . . . . 3
Maximum Peak Inductor Current (A) . . . . . . . . . . . . . . . . . 5.0
Thermal Information
Storage Temperature (°C ) . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C ) . . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C ). . . . . . . -40 to +125
Thermal Resistance, Junction to Ambient(2) (°C/W ) . . . . 40
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless specified: V
IN
=24V, T
A
=+25°C for Typ, -40°C to +85°C for Min and Max, T
J
< 125°C, per detailed application circuit
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies
VIN UVLO Threshold
Programmable with EN pin after 2 switching
cycles
1.5
V
VIN UVLO Hysteresis
50
mV
Internal Bias UVLO Threshold
Rising UVLO V
TH
4V
Internal Bias UVLO Hysteresis
0.3
V
VIN Supply Current
V
EN
= 0V, V
IN
=28V
15
μA
I
OUT
= 0A, f
SW
=25kHz(1)
2.5
mA
Controller
FB On-Time Threshold
0.7425
0.75
0.7575
V
Frequency Programming Range
See R
TON
Calculation
200
1000
kHz
Minimum Frequency
During Ultrasonic PSAVE
22
kHz
FB Input Bias Current
FB=5V or 0V
-1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com