Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 18Page - Semtech Corporation SC3303 Datasheet HTML 19Page - Semtech Corporation SC3303 Datasheet HTML 20Page - Semtech Corporation SC3303 Datasheet HTML 21Page - Semtech Corporation SC3303 Datasheet HTML 22Page - Semtech Corporation SC3303 Datasheet HTML 23Page - Semtech Corporation SC3303 Datasheet HTML 24Page - Semtech Corporation SC3303 Datasheet HTML 25Page - Semtech Corporation SC3303 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
SC3303
23
Applications Information (continued)
to AGND are done by wide copper traces or vias
down to AGND.
Connect PGND to AGND with a short trace or 0Ω
resistor. This connection should be as close to
the IC as possible.
FB and Other Analog Control Signals
The connection from the V
OUT
power to the
analog control circuitry must be routed from the
output capacitors and located on a quiet layer.
The traces between V
OUT
and the analog control
circuitry (AGND, and FB pins) must be as short as
possible. The traces must also be routed away
from noise sources, such as BST, LX, VIN, and
PGND between the input capacitors, output
capacitors, and the IC.
The TON node must be as short as possible to
ensure the best accuracy for the on time.
The feedback components for the switcher need
to be as close to the FB pin of the IC as possible
to reduce the possibility of noise corrupting
these analog signals.
•
•
•
•
•
BST and LX
LX and BST are very noisy nodes and must be
carefully routed to minimized the PCB area that
is exposed to these signals.
The connections for
the boost capacitor
between the IC and LX must be short and directly
connected to the LX (pin 3).
The LX node between the IC and the inductor
should be wide enough to handle the inductor
current and short enough to eliminate the pos-
sibility of LX noise corrupting other signals.
Capacitors and Current Loops
The current loops between the input capacitors,
the IC, the inductor, and the output capacitors
must be as close as possible to each other to
reduce IR drop across copper planes and traces.
All bypass and output capacitors must be con-
nected as close as possible to their respective
pin on the IC.
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com