Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 12Page - Semtech Corporation SC3303 Datasheet HTML 13Page - Semtech Corporation SC3303 Datasheet HTML 14Page - Semtech Corporation SC3303 Datasheet HTML 15Page - Semtech Corporation SC3303 Datasheet HTML 16Page - Semtech Corporation SC3303 Datasheet HTML 17Page - Semtech Corporation SC3303 Datasheet HTML 18Page - Semtech Corporation SC3303 Datasheet HTML 19Page - Semtech Corporation SC3303 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
SC3303
16
Applications Information (continued)
PGOOD will transition low if the V
FB
pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old (900mV).
Output Over-Voltage Protection
OVP (Over-Voltage Protection) becomes active as soon as
the device is enabled. The threshold is set at 750mV + 20%
(900mV). When VFB exceeds the OVP threshold, the
output goes to a tri-state with both FETs disabled and the
part is latched off. The controller remains off, until the EN
input is toggled or V
IN
is cycled. There is a 5μs delay built
into the OVP detector to prevent false transitions. PGOOD
is also low after an OVP event.
Output Under-Voltage Protection
When V
FB
falls to 75% of its nominal voltage (falls to
562.5mV) for eight consecutive clock cycles, the switcher
is shut off and the DH and DL drives are pulled low to turn
off the MOSFETs. The controller stays off until EN is toggled
or V
IN
is cycled.
Over-Temperature Protection
If the temperature rises to 145°C the device will latch off.
The device can be reactivated after the temperature is
reduced below 145°C by cycling the EN pin.
V
LDO UVLO, and POR
UVLO (Under-Voltage Lock-Out) circuitry inhibits switch-
ing and tri-states the power FETs until V
LDO
rises above
4.0V. An internal POR (Power-On Reset) occurs when V
LDO
exceeds 4.0V, which resets the fault latch and soft start
counter to begin the soft start cycle. The SC3303 then
begins a soft start cycle. The PWM will shut off if V
LDO
falls
below 3.7V.
Internal LDO Regulator
The SC3303 has an internal regulator that supplies the
bias voltage for the PWM controller. This LDO can also
supply an additional external current for an external load
through the LDO pin.
When activated, the LDO checks the status of the
following signals to ensure proper operation can be
maintained.
EN pin
V
LDO
output voltage
VIN input voltage
1.
2.
3.
While the EN pin is above 0.5V, the LDO will be activated.
While the V
LDO
output voltage remains below 4V (80% of
the final LDO voltage), the LDO short-circuit protection is
enabled and limits the current to about 35mA. After the
V
LDO
exceeds 4.0V, then the LDO operates in its normal
regulation mode where the current is limited to about
100mA.
80% of VLDO Final
VLDO Final
Sort-circuit Protection @ ~35mA
Voltage regulating with
~100mA current limit
Figure 8 — LDO Start-Up
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX
) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN
) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT
)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT
)
The two values of load current to evaluate are continuous
load current and peak load current. Continuous load
current relates to thermal stresses which drive the selec-
tion of the inductor and input capacitors. Peak load current
determines instantaneous component stresses and filter-
ing requirements such as inductor saturation, output
capacitors, and design of the current limit circuit.
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com