Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 10Page - Semtech Corporation SC3303 Datasheet HTML 11Page - Semtech Corporation SC3303 Datasheet HTML 12Page - Semtech Corporation SC3303 Datasheet HTML 13Page - Semtech Corporation SC3303 Datasheet HTML 14Page - Semtech Corporation SC3303 Datasheet HTML 15Page - Semtech Corporation SC3303 Datasheet HTML 16Page - Semtech Corporation SC3303 Datasheet HTML 17Page - Semtech Corporation SC3303 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
SC3303
14
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(750mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Continuous Mode Operation
Ultrasonic Power Save Operation
The SC3303 provides ultrasonic power save operation at
light loads, with the minimum operating frequency fixed
at 22kHz. This is accomplished using an internal timer that
monitors the time between consecutive high-side gate
pulses. If the time exceeds 40μs, DL drives high to turn the
low-side MOSFET on. This draws current from V
OUT
through
the inductor, forcing both V
OUT
and V
FB
to fall. When V
FB
drops to the 750mV threshold, the next DH on-time is trig-
gered. After the on-time is completed the high-side
MOSFET is turned off and the low-side MOSFET turns on.
The low-side MOSFET remains on until the inductor
current ramps down to zero, at which point the low-side
MOSFET is turned off.
Because the on-times are forced to occur at intervals no
greater than 40μs, the frequency will not fall below
~22kHz. Figure 5 shows ultrasonic power save operation.
Applications Information (continued)
FB Ripple
Voltage
(VFB)
FB threshold
(750mV)
Inductor
Current
(0A)
Minimum fSW ~ 25kHz
DH
DH On-Time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
DL
40μsec time-out
After the 40μsec time-out, DL drives high if VFB
has not reached the FB threshold.
Figure 5 — Ultrasonic Power Save Operation
Smart Power Save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power save enabled, this can force V
OUT
to slowly rise and
reach the over-voltage threshold, resulting in a hard shut-
down. Smart power save prevents this condition. When
the FB voltage exceeds 10% above nominal (exceeds
825mV), the device immediately disables power-save,
and DL drives high to turn on the low-side MOSFET. This
draws current from V
OUT
through the inductor and causes
V
OUT
to fall. When V
FB
drops back to the 750mV trip point,
a normal T
ON
switching cycle begins. This method pre-
vents a hard OVP shutdown and also cycles energy from
V
OUT
back to V
IN
. Figure 6 shows typical waveforms for the
smart power save feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com