Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3303 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC3303
Description  3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3303 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC3303 Datasheet HTML 16Page - Semtech Corporation SC3303 Datasheet HTML 17Page - Semtech Corporation SC3303 Datasheet HTML 18Page - Semtech Corporation SC3303 Datasheet HTML 19Page - Semtech Corporation SC3303 Datasheet HTML 20Page - Semtech Corporation SC3303 Datasheet HTML 21Page - Semtech Corporation SC3303 Datasheet HTML 22Page - Semtech Corporation SC3303 Datasheet HTML 23Page - Semtech Corporation SC3303 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
SC3303
20
Applications Information (continued)
R1
R2
FB
pin
CC
COUT
L
Low-
side
High-
side
CL
RL
Figure 10 — Signal Injection Circuit
The values of R
L
, C
L
, and C
C
are dependent on the condi-
tions of the specific application such as V
IN
, V
OUT
, f
SW
and
I
OUT
.
Select a value for C
L
, like 10nF. Using C
L
, calculate R
L
as
shown in the following equation:
DCR
C
L
R
L
L
Where L is the inductor value and DCR is the resistance of
the inductor.
The value for C
C
can be between C
C_MIN
and C
C_MAX
.
EQ
ON
MIN
_
C
R
t
C
EQ
MAX
_
C
R
T
C
Where T = 1/f
SW
and R
EQ
is represented by the following
equation.
TOP
BOTTOM
TOP
BOTTOM
EQ
R
R
R
R
R
It is beneficial to use the smallest value of C
C
that provides
stability and enough voltage ripple at feedback. Larger
values of C
C
may negatively affect the load regulation
performance.
Output Voltage Dropout
The output voltage adjustable range for continuous-con-
duction operation is limited by the fixed 320ns (typical)
minimum off-time. When working with low input volt-
ages, the duty-factor limit must be calculated using worst-
case values for on and off times. The duty-factor limitation
is shown by the next equation.
)
MAX
(
OFF
)
MIN
(
ON
)
MIN
(
ON
t
t
t
DUTY
The inductor resistance and MOSFET on-state voltage
drops must be included when performing worst-case
dropout duty-factor calculations.
System DC Accuracy — V
OUT Controller
Three factors affect V
OUT
accuracy: the trip point of the FB
error comparator, the ripple voltage variation with line
and load, and the external resistor tolerance. The error
comparator offset is trimmed so that under static condi-
tions it trips when the feedback pin is 750mV, +1%.
The on-time pulse from the SC3303 in the design example
is calculated to give a pseudo-fixed frequency of 500kHz.
Some frequency variation with line and load is expected.
This variation changes the output ripple voltage. Because
adaptive on-time converters regulate to the valley of the
output ripple, ½ of the output ripple appears as a DC regu-
lation error.
To compensate for valley regulation, it may be desirable to
use passive droop. Take the feedback directly from the
output side of the inductor and place a small amount of
trace resistance between the inductor and output capaci-
tor. This trace resistance should be optimized so that at
full load the output droops to near the lower regulation
limit. Passive droop minimizes the required output capaci-
tance because the voltage excursions due to load steps
are reduced as seen at the load.
The use of 1% feedback resistors may result in up to an
additional 1% error. If tighter DC accuracy is required,
resistors with lower tolerances should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com