Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.4 UART Interface
When the data and control buses are configured in UART mode, the interface implements a standard
asynchronous serial UART port with flow control. The UART can support baud rates from 300baud to
3Mbaud. The UART interface is described more fully in a Vinculum-II datasheet please refer to:- FTDI
website
3.4.1
Signal Description – UART Interface
The UART signals can be programmed to a choice of available I/O pins. Table 3.3 explains the available
pins for each of the UART signals.
Available Pins
Name
Type
Description
J2-18, J2-14, J1-17, J1-24, J1-29, J2-
28, J2-23, J1-3, J1-7, J2-8, J2-4
uart_txd
Output
Transmit asynchronous data
output
J2-17, J1-14, J1-18, J1-26, J1-30, J2-
27, J2-22, J1-4, J1-8, J2-7, J2-3
uart_rxd
Input
Receive asynchronous data input
J2-16, J1-15, J1-20, J1-27, J2-30, J2-
26, J1-1, J1-5, J1-9, J2-6, J2-2
uart_rts#
Output
Request To Send Control Output
J2-15, JI-16, J1-21, J1-28, J2-29, J2-24,
J1-2, J1-6, J2-9, J2-5, J2-1
uart_cts#
Input
Clear To Send Control Input
J2-18, J2-14, J1-17, J1-24, J1-29, J2-
28, J2-23, J1-3, J1-7, J2-8, J2-4
uart_dtr#
Output
Data Acknowledge (Data
Terminal Ready Control) Output
J2-17, J1-14, J1-18, J1-26, J1-30, J2-
27, J2-22, J1-4, J1-8, J2-7, J2-3
uart_dsr#
Input
Data Request (Data Set Ready
Control) Input
J2-16, J1-15, J1-20, J1-27, J2-30, J2-
26, J1-1, J1-5, J1-9, J2-6, J2-2
uart_dcd#
Input
Data Carrier Detect Control Input
J2-15, JI-16, J1-21, J1-28, J2-29, J2-24,
J1-2, J1-6, J2-9, J2-5, J2-1
uart_ri#
Input
Ring Indicator Control Input. RI#
low can be used to resume the
PC USB Host controller from
suspend.
J2-18, J2-14, J1-17, J1-24, J1-29, J2-
28, J2-23, J1-3, J1-7, J2-8, J2-4
uart_tx_active
Output
Enable Transmit Data for RS485
designs. uart_tx_active may be
used to signal that a transmit
operation is in progress. The
uart_tx_active signal will be set
high one bit-time before data is
transmitted and return low one
bit time after the last bit of a
data frame has been transmitted
Table 3.3 - Data and Control Bus Signal Mode Options – UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com