Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 16Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 17Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
13
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.6.2 Timing Diagram – Asynchronous FIFO Mode Read and Write Cycle
When in Asynchronous FIFO interface mode, the timing of a read and write operation on the FIFO
interface is shown in Figure 3.3 and Table 3.7
Figure 3.3 – Asynchronous FIFO Mode Read and Write Cycle.
Time
Description
Min
Max
Unit
t1
RD# inactive to RXF#
1
14
ns
t2
RXF# inactive after RD# cycle
100
-
ns
t3
RD# to Data
1
14
ns
t4
RD# active pulse width
30
-
ns
t5
RD# active after RXF#
0
-
ns
t6
WR# active to TXE# inactive
1
14
ns
t7
TXE# inactive after WR# cycle
100
-
ns
t8
DATA to TXE# active setup time
5
-
ns
t9
DATA hold time after WR# inactive
5
-
ns
t10
WR# active pulse width
30
-
ns
t11
WR# active after TXE#
0
-
ns
Table 3.7 Asynchronous FIFO Mode Read Cycle Timing
In asynchronous mode an external device can control data transfer driving FIFO_WR# and FIFO_RD#
inputs. In contrast to synchronous mode, in asynchronous mode the 245 FIFO module generates the
output enable EN# signal. EN# signal is effectively the read signal RD#.
Current byte is available to be read when FIFO_RD# goes low. When FIFO_RD# goes high, FIFO_RXF#
output will also go high. It will only become low again when there is another byte to read.
When FIFO_WR# goes low FIFO_TXE# flag will always go high. FIFO_TXE# goes low again only when
there is still space for data to be written in to the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com