Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 16Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 17Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 18Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 19Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 20Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
16
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.8 Debugger Interface
The purpose of the debugger interface is to provide access to the VNC2 silicon/firmware debugger. The
debug interface can be accessed via the appropriate pin on the DIL connector or more easily, it can be
accessed by connecting a debug module to the J3 connector. This debug module will give access to the
debugger through a USB connection to a PC via the Integrated Development Environment (IDE). The IDE
is a graphical interface to the VNC2 software development tool-chain and gives the following debug
capabilities through the debugger interface:
Flash Erase, Write and Program.
Application debug - application code can have breakpoints, be single stepped and can be halted.
Detailed internal debug - memory and register read/write access.
The Debugger Interface, and how to use it, is further described in the following applications Note
Vinculum-II Debug Interface Description
3.8.1 Signal Description - Debugger Interface
Table 3.10 shows the signals and pins description for the Debugger Interface pin header J3
Pin No.
Name
Name
On PCB
Type
Description
J3-1
IO0
DBG
I/O
Debugger Interface
J3-2
-
[Key]
-
Not connected. Used to make sure that the debug
module is connected correctly.
J3-3
GND
GND
PWR
Module ground supply pin
J3-4
RESET#
RST#
Input
Can be used by an external device to reset the
VNCL2. This pin is also used in combination with
PROG# and the UART interface to program
firmware into the VNC2.
J3-5
PROG#
PRG#
Input
This pin is used in combination with the RESET#
pin and the UART interface to program firmware
into the VNC2.
J3-6
5V0
VCC
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-64 from the
debugger interface when the V2DIP2-64 is not
powered from the USB connector (VBUS) or the
DIL connector pins J1-12, J1-13, J1-19 and J3-6.
Table 3.10 - Signal Name and Description – Debugger Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com