Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.2 Pin Signal Description
Pin No.
Name
Pin Name
on PCB
Type
Description
J1-1
IOBUS26
IO26
I/O
5V safe bidirectional data / control bus bit 26
J1-2
IOBUS27
IO27
I/O
5V safe bidirectional data / control bus bit 27
J1-3
IOBUS28
IO28
I/O
5V safe bidirectional data / control bus bit 28
J1-4
IOBUS29
IO29
I/O
5V safe bidirectional data / control bus bit 29
J1-5
IOBUS30
IO30
I/O
5V safe bidirectional data / control bus bit 30
J1-6
IOBUS31
IO31
I/O
5V safe bidirectional data / control bus bit 31
J1-7
IOBUS32
IO32
I/O
5V safe bidirectional data / control bus bit 32
J1-8
IOBUS33
IO33
I/O
5V safe bidirectional data / control bus bit 33
J1-9
IOBUS34
IO34
I/O
5V safe bidirectional data / control bus bit 34
J1-10
GND
GND
PWR
Module ground supply pin
J1-11
-
-
-
Not connected
J1-12
5V0
5V0
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-64 when the
V2DIP2-64 is not powered from the USB
connector (VBUS) or the debugger interface. Also
connected to DIL connector pins pins J1-12, J1-
13, J1-19 and J3-6.
J1-13
5V0
5V0
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-64 when the
V2DIP2-64 is not powered from the USB
connector (VBUS) or the debugger interface. Also
connected to DIL connector pins pins J1-12, J1-
13, J1-19 and J3-6.
J1-14
IOBUS5
IO5
I/O
5V safe bidirectional data / control bus bit 5
J1-15
IOBUS6
IO6
I/O
5V safe bidirectional data / control bus bit 6
J1-16
IOBUS7
IO7
I/O
5V safe bidirectional data / control bus bit 7
J1-17
IOBUS8
IO8
I/O
5V safe bidirectional data / control bus bit 8
J1-18
IOBUS9
IO9
I/O
5V safe bidirectional data / control bus bit 9
J1-19
5V0
5V0
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-64 when the
V2DIP2-64 is not powered from the USB
connector (VBUS) or the debugger interface. Also
connected to DIL connector pins pins J1-12, J1-
13, J1-19 and J3-6.
J1-20
IOBUS10
IO10
I/O
5V safe bidirectional data / control bus bit 10
J1-21
IOBUS11
IO11
I/O
5V safe bidirectional data / control bus bit 11
J1-22
GND
GND
PWR
Module ground supply pin
J1-23
GND
GND
PWR
Module ground supply pin
J1-24
IOBUS12
IO12
I/O
5V safe bidirectional data / control bus bit 12
J1-25
GND
GND
PWR
Module ground supply pin
J1-26
IOBUS13
IO13
I/O
5V safe bidirectional data / control bus bit 13
J1-27
IOBUS14
IO14
I/O
5V safe bidirectional data / control bus bit 14
J1-28
IOBUS15
IO15
I/O
5V safe bidirectional data / control bus bit 15
J1-29
IOBUS16
IO16
I/O
5V safe bidirectional data / control bus bit 16
J1-30
IOBUS17
IO17
I/O
5V safe bidirectional data / control bus bit 17
J2-1
IOBUS43
IO26
I/O
5V safe bidirectional data / control bus bit 26
J2-2
IOBUS42
IO27
I/O
5V safe bidirectional data / control bus bit 27
J2-3
IOBUS41
IO28
I/O
5V safe bidirectional data / control bus bit 28
J2-4
IOBUS40
IO29
I/O
5V safe bidirectional data / control bus bit 29
J2-5
IOBUS39
IO30
I/O
5V safe bidirectional data / control bus bit 30
J2-6
IOBUS38
IO31
I/O
5V safe bidirectional data / control bus bit 31
J2-7
IOBUS37
IO32
I/O
5V safe bidirectional data / control bus bit 32
J2-8
IOBUS36
IO33
I/O
5V safe bidirectional data / control bus bit 33
J2-9
IOBUS35
IO34
I/O
5V safe bidirectional data / control bus bit 34
J2-10
GND
GND
PWR
Module ground supply pin
J2-11
-
-
-
Not connected
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com