Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
Pin No.
Name
Pin
Name
on PCB
Type
Description
J2-12
3V3
3V3
3.3V Output from
V2DIP2’s on board
3.3V L.D.O.
3.3V output from V2DIP2’s on board 3.3V L.D.O.
J2-13
3V3
3V3
3.3V Output from
V2DIP2’s on board
3.3V L.D.O.
3.3V output from V2DIP2’s on board 3.3V L.D.O.
J2-14
IOBUS4
IO4
I/O
5V safe bidirectional data / control bus bit 4
J2-15
IOBUS3
IO3
I/O
5V safe bidirectional data / control bus bit 3
J2-16
IOBUS2
IO2
I/O
5V safe bidirectional data / control bus bit 2
J2-17
IOBUS1
IO1
I/O
5V safe bidirectional data / control bus bit 1
J2-18
IOBUS0
IO0
I/O
5V safe bidirectional data / control bus bit 0
J2-19
3V3
3V3
3.3V Output from
VDIP2’s on board
3.3V L.D.O.
3.3V output from V2DIP2’s on board 3.3V L.D.O.
J2-20
PROG#
PRG#
Input
This pin is used in combination with the RESET#
pin and the UART interface to program firmware
into the VNC2.
J2-21
RESET#
RST#
Input
Can be used by an external device to reset the
VNC2. This pin is also used in combination with
PROG# and the UART interface to program
firmware into the VNC2
J2-22
IOBUS25
IO25
I/O
5V safe bidirectional data / control bus bit 25
J2-23
IOBUS24
IO24
I/O
5V safe bidirectional data / control bus bit 24
J2-24
IOBUS23
IO23
I/O
5V safe bidirectional data / control bus bit 23
J2-25
GND
GND
PWR
Module ground supply pin
J2-26
IOBUS22
IO22
I/O
5V safe bidirectional data / control bus bit 22
J2-27
IOBUS21
IO21
I/O
5V safe bidirectional data / control bus bit 21
J2-28
IOBUS20
IO20
I/O
5V safe bidirectional data / control bus bit 20
J2-29
IOBUS19
IO19
I/O
5V safe bidirectional data / control bus bit 19
J2-30
IOBUS18
IO18
I/O
5V safe bidirectional data / control bus bit 18
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com