Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  V2DIP2-64 Datasheet HTML 1Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 2Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
1 Introduction
V2DIP2-64 module is designed to allow rapid development of designs using the VNC2-64Q IC. The
V2DIP2-64 is supplied as a PCB designed to fit into a 60 pin 0.8” wide, 0.1” pitch DIP socket.The module
provides access to the UART, parallel FIFO, and SPI interface pins of the VNC2-64Q device, via its IO bus
pins. Two USB ports are accessed via type A USB connectors.
Figure 1.1 - V2DIP2-64
The VNC2 is one of the family of Vinculum devices from FTDI : the second of FTDI’s Vinculum family of
Embedded dual USB host controller integrated circuit devices. The device is capable of handling the USB
Host Interface for a variety of different USB device classes, e.g. BOMS (bulk only mass storage), Printer,
HID (human interface device) etc. When interfacing to mass storage devices such as USB Flash drives,
VNC2 also transparently handles the FAT File structure.
Communication with non USB devices such as a low cost microcontroller is accomplished via either UART,
SPI or parallel FIFO interfaces using a simple to implement command set. VNC2 provides a new cost
effective solution for providing USB Host capability into products that previously did not have the
hardware resources available.
The device comes with a Debugger interface with bus master functionality and suite of tools which allows
customers to create their own firmware (Compiler – Linker – Debugger – Assembler–IDE).
The Vinculum-II VNC2 family of devices are available in Pb-free (RoHS compliant) 32-lead LQFP, 32-lead
QFN, 48-lead LQFP, 48-lead QFN, 64-Lead lQFP and 64-lead QFN packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com