Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-64 Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
11
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.5 Serial Peripheral Interface (SPI)
The VNC2-64Q has one master module and two slave modules. These modules are described more fully in
a Vinculum-II datasheet please refer to:- FTDI website
3.5.1 Signal Description - SPI Slave
The SPI Slave signals can be programmed to a choice of available I/O pins. Table 3.4 explains the
available pins for each of the SPI Slave signals.
Available Pins
Name
Type
Description
J2-18, J2-14, J1-17, J1-24, J1-29, J2-
28, J2-23, J1-3, J1-7, J2-8, J2-4
spi_s0_clk
spi_s1_clk
Input
Slave clock input
J2-17, J1-14, J1-18, J1-26, J1-30, J2-
27, J2-22, J1-4, J1-8, J2-7, J2-3
spi_s0_mosi
spi_s1_mosi
Input/Output
Master Out Slave In
Synchronous data from master
to slave
J2-16, J1-15, J1-20, J1-27, J2-30, J2-
26, J1-1, J1-5, J1-9, J2-6, J2-2
spi_s0_miso
spi_s1_miso
Output
Master In Slave Out
Synchronous data from slave to
master
J2-15, JI-16, J1-21, J1-28, J2-29, J2-24,
J1-2, J1-6, J2-9, J2-5, J2-1
spi_s0_cs#
spi_s1_cs#
Input
Slave chip select
Table 3.4 - Data and Control Bus Signal Mode Options – SPI Slave
3.5.2 Signal Description - SPI Master
The SPI Master signals can be programmed to a choice of available I/O pins. Table 3.5 shows the SPI
master signals and the available pins that they can be mapped.
Available Pins
Name
Type
Description
J2-18, J2-14, J1-17, J1-24, J1-29, J2-
28, J2-23, J1-3, J1-7, J2-8, J2-4
spi_m_clk
Output
SPI master clock input
J2-17, J1-14, J1-18, J1-26, J1-30, J2-
27, J2-22, J1-4, J1-8, J2-7, J2-3
spi_m_mosi
Output
Master Out Slave In
Synchronous data from master to
slave
J2-16, J1-15, J1-20, J1-27, J2-30, J2-
26, J1-1, J1-5, J1-9, J2-6, J2-2
spi_m_miso
Input
Master In Slave Out
Synchronous data from slave to
master
J2-15, JI-16, J1-21, J1-28, J2-29, J2-24,
J1-2, J1-6, J2-9, J2-5, J2-1
spi_m_cs_0#
Output
Active low slave select 0 from
master to
slave 0
J2-14, J1-17, J1-24, J1-29, J2-28, J2-
23, J1-3, J1-7, J2-8, J2-4
spi_m_cs_1#
Output
Active low slave select 1 from
master to
slave 1
Table 3.5 - Data and Control Bus Signal Mode Options – SPI Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com