Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 8 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 4Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 5Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 9Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 10Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
3.
Block Diagrams
3.1
MCU Block Diagram
Notes: 1. Some products have different number of SERCOM instances, Timer/Counter instances, PTC signals and ADC sig-
nals. Refer to “Ordering Information” on page 6 for details.
2. The three TCC instances have different configurations, including the number of Waveform Output (WO) lines.
3. Refer to the PORT Function Multiplexing Table 5-1 for details about the available GCLK_IO and ADC signals.
4. Only available for SAM R21G.
6 x SERCOM
8 x Timer Counter
REAL TIME
COUNTER
AHB-APB
BRIDGE C
M
M
HIGH SPEED
BUS MATRIX
WATCHDOG
TIMER
SERIAL
WIRE
SWDIO
S
CORTEX-M0+
PROCESSOR
Fmax 48 MHz
SWCLK
DEVICE
SERVICE
UNIT
AHB-APB
BRIDGE A
8-CHANNEL
12-bit ADC 350KSPS
AIN[n]
AIN[3..0]
S
SRAM
CONTROLLER
32/16/8KB
RAM
M
RESET
CONTROLLER
SLEEP
CONTROLLER
CLOCK
CONTROLLER
POWER MANAGER
RESETN
3 x TIMER / COUNTER
S
5x SERCOM
2 ANALOG
COMPARATORS
SYSTEM CONTROLLER
OSCULP32K
OSC32K
OSC8M
DFLL48M
BOD33
VREF
X[7..0]
Y[5..0]
PERIPHERAL
TOUCH
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
AHB-APB
BRIDGE B
EXTERNAL INTERRUPT
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
EXTINT[15..1]
NMI
GCLK_IO[n]
S
XOUT
XIN
XOUT32
XIN32
XOSC32K
XOSC
PAD0
WO1
PAD1
PAD2
PAD3
WO0
VREFB
256/128/64KB
NVM
NVM
CONTROLLER
Cache
M
DMA
USB FS
DEVICE
MINI-HOST
DP
DM
3x TIMER / COUNTER
FOR CONTROL
WOn
IOBUS
FDPLL96M
DMA
DMA
DMA
DMA
S
SOF 1KHZ
WO0
WO1
(2)
(3)
(3)
GENERIC CLOCK
CONTROLLER
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com