Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 9 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 5Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 9Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 10Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
3.2
SAM R21 Interconnection
SAMR21
AT86RF233
SAMD21
SPI
(Slave)
SERCOM 4
XOSC
RF
AVREG
2.4GHz TRX (analog)
DIG3
AVSS
AVSS
XTAL1
XTAL2
EXTERNAL
INTERRUPT
CONTROLLER
Control Logic
GENERIC
CLOCK
ADC
DVREG
DVSS
DVDD
DEVDD
TRX (digital)
PORT
SLP_TR
RSTN
DIG2
DIG1
DIG4
2.4 GHz RF
front-end circuit
FECTRL0..1
AC
XOSC
32K
VREG
DVDD
XTAL1
XTAL2
GNDANA
VDDIO
AVDD
AVDD
EVDD
VDDANA
GNDANA
EXTINT0
PA20
PB15
GCLK_IO1
PTC
FECTRL2..5
(1)
Notes:
RFCTRL
DIG1..4
1. Paddle connected to digital ground DVSS, GND.
2. Only available for SAM R21G.
3. Dedicated SERCOM4 alternate pin function mapping for internally connected AT86RF233.
4. Die revision A uses GCLK_IO5.
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com