Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM-R21G_14 Datasheet HTML 1Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 2Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 3Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 4Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 5Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Atmel-42223AS–SAM-R21_Summary–07/2014
SMART
Description
The Atmel® | SMART™ SAM R21 is a series of low-power microcontrollers using the 32-bit ARM®
Cortex®-M0+ processor and an integrated ultra-low power 2.4GHz ISM band transceiver. SAM
R21 devices are available in 32- and 48-pin packages with up to 256KB Flash, 32KB of SRAM
and are operating at a maximum frequency of 48MHz and reach 2.14 Coremark/MHz. They are
designed for simple and intuitive migration with identical peripheral modules, hex compatible
code, identical linear address map and pin compatible migration paths between all devices in the
product series. All devices include intelligent and flexible peripherals, Atmel Event System for
inter-peripheral signaling, and support for capacitive touch button, slider and wheel user
interfaces.
The Atmel SAM R21 devices provide the following features: In-system programmable Flash,
12-channel direct memory access (DMA) controller, 12-channel Event System, programmable
interrupt controller, up to 28 programmable I/O pins, ultra-low power 2.4GHz ISM band
transceiver with a data rate of 250kB/s, 32-bit real-time clock and calendar, three 16-bit
Timer/Counters (TC) and three 16-bit Timer/Counters for Control (TCC), where each TC can be
configured to perform frequency and waveform generation, accurate program execution timing or
input capture with time and frequency measurement of digital signals. The TCs can operate in 8-
or 16-bit mode, selected TCs can be cascaded to form a 32-bit TC, and the three Timer/Counters
for Control have extended functions optimized for motor, lighting and other control applications.
The series provide one full-speed USB 2.0 embedded host and device interface; up to five Serial
Communication Modules (SERCOM) that each can be configured to act as an USART, UART,
SPI, I2C up 3.4MHz and LIN slave; up to eight channel 350ksps 12-bit ADC with programmable
gain and optional oversampling and decimation supporting up to 16-bit resolution, two analog
comparators with window mode, Peripheral Touch Controller supporting up to 48 buttons, sliders,
wheels and proximity sensing; programmable Watchdog Timer, brown-out detector and power-on
reset and two-pin Serial Wire Debug (SWD) program and debug interface.
All devices have accurate and low-power external and internal oscillators. All oscillators can be
used as a source for the system clock. Different clock domains can be independently configured
to run at different frequencies, enabling power saving by running each peripheral at its optimal
clock frequency, and thus maintaining a high CPU frequency while reducing power consumption.
The SAM R21 devices have two software-selectable sleep modes, idle and standby. In idle mode
the CPU is stopped while all other functions can be kept running. In standby all clocks and
functions are stopped expect those selected to continue running. The device supports
SleepWalking, which is the module's ability to wake itself up and wake up its own clock, and
hence perform predefined tasks without waking up the CPU. The CPU can then be only woken on
a need basis, e.g. a threshold is crossed or a result is ready. The Event System supports
synchronous and asynchronous events, allowing peripherals to receive, react to and send events
even in standby mode.
The Flash program memory can be reprogrammed in-system through the SWD interface. The
same interface can be used for non-intrusive on-chip debug of application code. A boot loader
running in the device can use any communication interface to download and upgrade the
application program in the Flash memory.
The SAM R21 devices are supported with a full suite of program and system development tools,
including C compilers, macro assemblers, program debugger/simulators, programmers and
evaluation kits.
Atmel SAM R21E / SAM R21G
SMART ARM-Based Wireless Microcontroller
PRELIMINARY DATASHEET SUMMARY


Similar Part No. - SAM-R21G_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
SMART ARM-Based Wireless Microcontroller
More results

Similar Description - SAM-R21G_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
SAMD20G ATMEL-SAMD20G_14 Datasheet
4Mb / 676P
SMART ARM-Based Microcontroller
SAMD20J ATMEL-SAMD20J_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
SAM-D21 ATMEL-SAM-D21_14 Datasheet
631Kb / 23P
SMART ARM-Based Microcontroller
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
SMART ARM-Based Wireless Microcontroller
SAM-D20G ATMEL-SAM-D20G_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J_14 Datasheet
631Kb / 23P
SMART ARM-Based Microcontroller
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com