Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 16 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 14Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 15Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 16Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 17Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 18Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 19Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
7.
Processor And Architecture
7.1
Cortex M0+ Processor
The Atmel | SMART SAM R21 implements the ARM® Cortex™-M0+ processor, which is based on the ARMv6
Architecture and Thumb®-2 ISA. The Cortex M0+ is 100% instruction set compatible with its predecessor, the Cortex-M0
processor, and upward compatible to Cortex-M3 and M4 processors.
For more information refer to www.arm.com.
7.1.1
Cortex M0+ Configuration
Note:
1. All software run in privileged mode only
The ARM Cortex-M0+ core has two bus interfaces:
Single 32-bit AMBA®-3 AHB-Lite™ system interface that provides connections to peripherals and all system
memory, including flash and RAM
Single 32-bit I/O port bus interfacing to the PORT with one-cycle loads and stores
Features
Configuration option
Atmel | SMART SAM R21
configuration
Interrupts
External interrupts 0-32
32
Data endianness
Little-endian or big-endian
Little-endian
SysTick timer
Present or absent
Present
Number of watchpoint comparators
0, 1, 2
2
Number of breakpoint comparators
0, 1, 2, 3, 4
4
Halting debug support
Present or absent
Present
Multiplier
Fast or small
Fast (single cycle)
Single-cycle I/O port
Present or absent
Present
Wake-up interrupt controller
Supported or not supported
Not supported
Vector Table Offset Register
Present or absent
Present
Unprivileged/Privileged support
Present or absent
Absent(1)
Memory Protection Unit
Not present or 8-region
Not present
Reset all registers
Present or absent
Absent
Instruction fetch width
16-bit only or mostly 32-bit
32-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com