Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 14 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 10Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 14Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 15Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 16Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 17Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
Note:
1.
Die revision A uses GCLK/IO[5].
5.3
Other Functions
5.3.1
Oscillator Pinout
The oscillators are not mapped to the normal PORT functions and their multiplexing are controlled by registers in the
System Controller (SYSCTRL).
The integrated AT86RF233 16 MHz crystal oscillator is directly connected to pins and has no multiplexing functionality.
5.3.2
Serial Wire Debug Interface Pinout
Only the SWCLK pin is mapped to the normal PORT functions. A debugger cold-plugging or hot-plugging detection will
automatically switch the SWDIO port to the SWDIO function.
CLKM
PC16
VDDIO
I/O
GCLK/
IO[1](1)
SCLK
PC18
VDDIO
I/O
SERCOM4/
PAD[3]
MISO
PC19
VDDIO
I/O
SERCOM4/
PAD[0]
Internal
Signal
I/O Pin
Supply
Type
A
B
C
D
E
F
G
H
EIC
REF
ADC
AC
PTC
SERCOM
SERCOM-
ALT
TC
FECTRL
TCC
SERCOM
COM
AC/
GCLK
Oscillator
Supply
Signal
I/O Pin
XOSC
VDDIO
XIN
PA14
XOUT
PA15
XOSC32K
VDDANA
XIN32
PA00
XOUT32
PA01
Oscillator
Supply
Signal
I/O Pin
XOSCRF
EVDD/VDDANA
XTAL1
XTAL1
XTAL2
XTAL2
Signal
Supply
I/O Pin
SWCLK
VDDIO
PA30
SWDIO
VDDIO
PA31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com