Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 2Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 3Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 4Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 5Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 9Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
2.
Ordering Information
2.1
SAM R21E
ATSAMR 21 E 16 A - M U T
Product Family
SAMR = SoC Microcontroller with RF
Product Series
21 = Cortex M0+ CPU, USB
Flash Memory
18 = 256KB
17 = 128KB
16 = 64KB
Device Variant
A = Default Variant
Pin Count
E = 32 Pins
G = 48 Pins
Package Carrier
No character = Tray (Default)
T = Tape and Reel
Package Grade
Package Type
M = QFN
U = -40 - 85°C Matte Sn Plating
F= -40 -125°C Matte Sn Plating
Ordering Code
FLASH (bytes)
SRAM (bytes)
Package
Carrier Type
ATSAMR21E16A-MF
64K
8K
QFN32
Tray
ATSAMR21E16A-MFT
Tape & Reel
ATSAMR21E16A-MU
Tray
ATSAMR21E16A-MUT
Tape & Reel
ATSAMR21E17A-MF
128K
16K
QFN32
Tray
ATSAMR21E17A-MFT
Tape & Reel
ATSAMR21E17A-MU
Tray
ATSAMR21E17A-MUT
Tape & Reel
ATSAMR21E18A-MF
256K
32K
QFN32
Tray
ATSAMR21E18A-MFT
Tape & Reel
ATSAMR21E18A-MU
Tray
ATSAMR21E18A-MUT
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com