Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21G Datasheet(PDF) 13 Page - ATMEL Corporation

Part # SAM-R21G
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21G Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button SAM-R21G_14 Datasheet HTML 9Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 10Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 14Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 15Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 16Page - ATMEL Corporation SAM-R21G_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
Notes:
1.
All analog pin functions are on peripheral function B. Peripheral function B must be selected to disable the digital control of the pin.
2.
Only some pins can be used in SERCOM I2C mode. See the Type column for using a SERCOM pin in I2C mode. Refer to !!!CRs_ElChar_Top!!! for details on
the I2C pin characteristics.
5.2
Internal Multiplexed Signals
PA20, PB00, PB15, PB30, PB31, PC16, PC18 and PC19 are by default controlled by the PORT as a general purpose I/O
and alternatively it can be assigned to one of the peripheral functions A, B, C, D, E, F, G or H. To enable a peripheral
function on a pin, the Peripheral Multiplexer Enable bit in the Pin Configuration register corresponding to that pin
(PINCFGn.PMUXEN, n = 0-31) in the PORT must be written to one. The selection of peripheral function A to H is done
by writing to the Peripheral Multiplexing Odd and Even bits in the Peripheral Multiplexing register (PMUXn.PMUXE/O) in
the PORT.
PA10, PA11, PB16 and PB17 cannot be configured as output ports. These ports are always connected to the RFCTRL
inputs.
37
PB22
VDDIO
EXTINT[6]
SERCOM5/
PAD[2]
GCLK_IO[0]
38
PB23
VDDIO
EXTINT[7]
SERCOM5/
PAD[3]
GCLK_IO[1]
25
39
PA27
VDDIO
EXTINT[15]
SERCOM3/
PAD[0]
GCLK_IO[0]
27
41
PA28
VDDIO
EXTINT[8]
SERCOM3/
PAD[1]
GCLK_IO[0]
31
45
PA30
VDDIO
EXTINT[10]
SERCOM1/
PAD[2]
TCC1/WO[0]
SWCLK GCLK_IO[0]
32
46
PA31
VDDIO
EXTINT[11]
SERCOM1/
PAD[3]
TCC1/WO[1]
47
PB02 VDDANA
EXTINT[2]
AIN[10]
Y[8]
SERCOM5/
PAD[0]
48
PB03 VDDANA
EXTINT[3]
AIN[11]
Y[9]
SERCOM5/
PAD[1]
Table 5-1.
PORT Function Multiplexing (Continued)
Pin
I/O Pin Supply Type
A
B(1)(2)
C
D
E
F
G
H
SAMR21
E
SAMR21
G
EIC
REF
ADC
AC
PTC
SERCOM
(1)(2)
SERCOM-
ALT
TC
TCC
FECTRL
TCC
SERCOM COM
AC/
GCLK
Internal
Signal
I/O Pin
Supply
Type
A
B
C
D
E
F
G
H
EIC
REF
ADC
AC
PTC
SERCOM
SERCOM-
ALT
TC
FECTRL
TCC
SERCOM
COM
AC/
GCLK
DIG3
PA10
VDDIO
Input
EXTINT[10]
DIG4
PA11
VDDIO
Input
EXTINT[11]
SLP_TR
PA20
VDDIO
I/O
IRQ
PB00
VDDANA
I/O
EXTINT[0]
RSTN
PB15
VDDIO
I/O
DIG1
PB16
VDDIO
Input
EXTINT[0]
DIG2
PB17
VDDIO
Input
EXTINT[1]
MOSI
PB30
VDDIO
I/O
SERCOM4/
PAD[2]
SEL
PB31
VDDIO
I/O
SERCOM4/
PAD[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com