Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 9Page - Intel Corporation 28F008C3 Datasheet HTML 10Page - Intel Corporation 28F008C3 Datasheet HTML 11Page - Intel Corporation 28F008C3 Datasheet HTML 12Page - Intel Corporation 28F008C3 Datasheet HTML 13Page - Intel Corporation 28F008C3 Datasheet HTML 14Page - Intel Corporation 28F008C3 Datasheet HTML 15Page - Intel Corporation 28F008C3 Datasheet HTML 16Page - Intel Corporation 28F008C3 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
13
PRODUCT PREVIEW
3.2.2
READ CONFIGURATION
The
Read
Configuration
mode
outputs
the
manufacturer/device
identifier.
The
device
is
switched to this
mode
by
writing
the
Read
Configuration command (90H). Once in this mode,
read cycles from addresses shown in Table 4
retrieve the specified information. To return to read
array mode, write the Read Array command (FFH).
The Read Configuration mode outputs three types
of information: the manufacturer/device identifier,
the block locking status, and the protection register.
The device is switched to this mode by writing the
Read Configuration command (90H). Once in this
mode, read cycles from addresses shown in Table
4 retrieve the specified information. To return to
read array mode, write the Read Array command
(FFH).
Table 4. Read Configuration Table
Item
Address
Data
Manufacturer Code (x16)
00000
0089
Manufacturer Code (x8)
00000
89
Device ID (See Appendix G)
00001
ID
Block Lock Configuration2
XX002(1)
LOCK
• Block Is Unlocked
DQ0 = 0
• Block Is Locked
DQ0 = 1
• Block Is Locked-Down
DQ1 = 1
Protection Register Lock3
80
PR-LK
Protection Register (x16)
81-88
PR
Protection Register (x8)
(App. H)
PR
NOTES:
1.
“XX” specifies the block address of lock configuration
being read.
2.
See Section 3.3.4 for valid lock status outputs.
3.
See Section 3.4 for protection register information.
4.
Other locations within the configuration address space
are reserved by Intel for future use.
3.2.3
READ STATUS REGISTER
The status register indicates the status of device
operations,
and
the
success/failure
of
that
operation.
The
Read
Status
Register
(70H)
command causes subsequent reads to output data
from the status register until another command is
issued. To return to reading from the array, issue a
Read Array (FFH) command.
The status register bits are output on DQ0–DQ7.
The upper byte, DQ8–DQ15, outputs 00H during a
Read Status Register command.
The contents of the status register are latched on
the falling edge of OE# or CE#, whichever occurs
last. This prevents possible bus errors which might
occur if status register contents change while being
read. CE# or OE# must be toggled with each
subsequent status read, or the status register will
not indicate completion of a program or erase
operation.
When the WSM is active, SR.7 will indicate the
status of the WSM; the remaining bits in the status
register indicate whether the WSM was successful
in performing the desired operation (see Table 7).
3.2.3.1
Clearing the Status Register
The WSM sets status bits 1 through 7 to “1,” and
clears bits 2, 6 and 7 to “0,” but cannot clear status
bits 1 or 3 through 5 to “0.” Because bits 1, 3, 4 and
5 indicate various error conditions, these bits can
only be cleared through the use of the Clear Status
Register (50H) command. By allowing the system
software to control the resetting of these bits,
several operations may be performed (such as
cumulatively programming several addresses or
erasing multiple blocks in sequence) before reading
the status register to determine if an error occurred
during that series. Clear the Status Register before
beginning another command or sequence. Note
that the Read Array command must be issued
before data can be read from the memory array.
Resetting the device also clears the status register.
3.2.4
READ QUERY
The Read Query mode outputs Common Flash
Interface (CFI) data when the device is read. This
can be accessed by writing the Read Query
Command (98H). The CFI data structure contains
information such as block size, density, command
set and electrical specifications. Once in this mode,
read cycles from addresses shown in Appendix C
retrieve the specified information. To return to read
array mode, write the Read Array command (FFH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com