Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 31Page - Intel Corporation 28F008C3 Datasheet HTML 32Page - Intel Corporation 28F008C3 Datasheet HTML 33Page - Intel Corporation 28F008C3 Datasheet HTML 34Page - Intel Corporation 28F008C3 Datasheet HTML 35Page - Intel Corporation 28F008C3 Datasheet HTML 36Page - Intel Corporation 28F008C3 Datasheet HTML 37Page - Intel Corporation 28F008C3 Datasheet HTML 38Page - Intel Corporation 28F008C3 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
35
PRODUCT PREVIEW
4.8
Reset Operations
IH
V
IL
V
RP# (P)
PLPH
t
IH
V
IL
V
RP# (P)
PLPH
t
(A) Reset during Read Mode
Abort
Complete
PHQV
t
PHWL
t
PHEL
t
PHQV
t
PHWL
t
PHEL
t
(B) Reset during Program or Block Erase,
<
PLPH
t
PLRH
t
PLRH
t
IH
V
IL
V
RP# (P)
PLPH
t
Abort
Complete
PHQV
t
PHWL
t
PHEL
t
PLRH
t
Deep
Power-
Down
(C) Reset Program or Block Erase,
>
PLPH
t
PLRH
t
Figure 11. AC Waveform: Reset Operation
Table 11. Reset Specifications(1)
VCC 2.7V–3.6V
Symbol
Parameter
Notes
Min
Max
Unit
tPLPH
RP# Low to Reset during Read
(If RP# is tied to VCC, this specification is not
applicable)
2,4
100
ns
tPLRH1
RP# Low to Reset during Block Erase
3,4
22
µs
tPLRH2
RP# Low to Reset during Program
3,4
12
µs
NOTES:
1.
See Section 3.1.4 for a full description of these conditions.
2.
If tPLPH is < 100 ns the device may still reset but this is not guaranteed.
3.
If RP# is asserted while a block erase or word program operation is not executing, the reset will complete within 100 ns.
4.
Sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com