Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 49 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 45Page - Intel Corporation 28F008C3 Datasheet HTML 46Page - Intel Corporation 28F008C3 Datasheet HTML 47Page - Intel Corporation 28F008C3 Datasheet HTML 48Page - Intel Corporation 28F008C3 Datasheet HTML 49Page - Intel Corporation 28F008C3 Datasheet HTML 50Page - Intel Corporation 28F008C3 Datasheet HTML 51Page - Intel Corporation 28F008C3 Datasheet HTML 52Page - Intel Corporation 28F008C3 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
49
PRODUCT PREVIEW
C.5
SYSTEM INTERFACE INFORMATION
The following device information can be useful in optimizing system interface software
Table C6. System Interface Information
Offset
Length
(bytes)
Description
8-Mbit, 16-Mbit, 32-Mbit
1Bh
01h
VCC Logic Supply Minimum Program/Erase Voltage
bits 7–4 BCD volts
bits 3–0 BCD 100 mv
1B:27
1Ch
01h
VCC Logic Supply Maximum Program/Erase Voltage
bits 7–4 BCD volts
bits 3–0 BCD 100 mv
1C:36
1Dh
01h
VPP [Programming] Supply Minimum Program/Erase
Voltage
bits 7–4 HEX volts
bits 3–0 BCD 100 mv
1D:B4
1Eh
01h
VPP [Programming] Supply Maximum
Program/Erase Voltage
bits 7–4 HEX volts
bits 3–0 BCD 100 mv
1E:C6
1Fh
01h
Typical Time
-Out per Single Byte/Word Program,
2N µ-sec
1F:05
20h
01h
Typical Time
-Out for Max. Buffer Write, 2N µ-sec
20:00
21h
01h
Typical Time
-Out per Individual Block Erase,
2N m-sec
21:0A
22h
01h
Typical Time
-Out for Full Chip Erase, 2N m-sec
22:00
23h
01h
Maximum Time
-Out for Byte/Word Program,
2N Times Typical
23:04
24h
01h
Maximum Time
-Out for Buffer Write, 2N Times
Typical
24:00
25h
01h
Maximum Time
-Out per Individual Block Erase,
2N Times Typical
25:03
26h
01h
Maximum Time
-Out for Chip Erase, 2N Times
Typical
26:00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com