Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 17Page - Intel Corporation 28F008C3 Datasheet HTML 18Page - Intel Corporation 28F008C3 Datasheet HTML 19Page - Intel Corporation 28F008C3 Datasheet HTML 20Page - Intel Corporation 28F008C3 Datasheet HTML 21Page - Intel Corporation 28F008C3 Datasheet HTML 22Page - Intel Corporation 28F008C3 Datasheet HTML 23Page - Intel Corporation 28F008C3 Datasheet HTML 24Page - Intel Corporation 28F008C3 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
21
PRODUCT PREVIEW
Table 9. Block Locking State Transitions
Current State
Erase/Prog
Lock Command Input Result [Next State]
WP#
DQ1
DQ0
Name
Allowed?
Lock
Unlock
Lock-Down
000
“Unlocked”
Yes
Goes To [001]
No Change
Goes To [011]
0
0
1
“Locked” (Default)
No
No Change
Goes To [000] Goes To [011]
0
1
1
“Locked-Down”
No
No Change
No Change
No Change
1
0
0
“Unlocked”
Yes
Goes To [101]
No Change
Goes To [111]
1
0
1
“Locked”
No
No Change
Goes To [100] Goes To [111]
1
1
0
Lock-Down Disabled
Yes
Goes To [111]
No Change
Goes To [111]
1
1
1
Lock-Down Disabled
No
No Change
Goes To [110]
No Change
NOTES:
1.
In this table, the notation [XYZ] denotes the locking state of a block, where X = WP#, Y = DQ1, and Z = DQ0. The current
locking state of a block is defined by the state of WP# and the two bits of the block lock status (DQ0, DQ1). DQ0 indicates if
a block is locked (1) or unlocked (0). DQ1 indicates if a block has been locked-down (1) or not (0).
2.
At power-up or device reset, all blocks default to Locked state [001] (if WP# = 0). Holding WP# = 0 is the recommended
default.
3.
The “Erase/Program Allowed?” column shows whether erase and program operations are enabled (Yes) or disabled (No)
in that block’s current locking state.
4.
The “Lock Command Input Result [Next State]” column shows the result of writing the three locking commands (Lock,
Unlock, Lock-Down) in the current locking state. For example, “Goes To [001]” would mean that writing the command to a
block in the current locking state would change it to [001].
3.4
128-Bit Protection Register
The Advanced+ Boot Block architecture includes a
128-bit protection register than can be used to
increase the security of a system design. For
example, the number contained in the protection
register can be used to “mate” the flash component
with other system components such as the CPU or
ASIC, preventing device substitution. Additional
application information can be found in Intel
application
note
AP-657
Designing
with
the
Advanced+ Boot Block Flash Memory Architecture.
The 128-bits of the protection register are divided
into two 64-bit segments. One of the segments is
programmed at the Intel factory with a unique 64-bit
number, which is unchangeable. The other segment
is left blank for customer designs to program as
desired.
Once
the
customer
segment
is
programmed,
it
can
be
locked
to
prevent
reprogramming.
3.4.1
READING THE PROTECTION
REGISTER
The protection register is read in the configuration
read mode. The device is switched to this mode by
writing the Read Configuration command (90H).
Once in this mode, read cycles from addresses
shown
in
Appendix
H
retrieve
the
specified
information. To return to read array mode, write the
Read Array command (FFH).
3.4.2
PROGRAMMING THE PROTECTION
REGISTER
The protection register bits are programmed using
the two-cycle Protection Program command. The
64-bit number is programmed 16 bits at a time for
word-wide parts and eight bits at a time for byte-
wide parts. First write the Protection Program Setup
command, C0H. The next write to the device will
latch in address and data and program the specified
location. The allowable addresses are shown in
Appendix H. See Figure 17 for the
Protection
Register Programming Flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com