Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 13Page - Intel Corporation 28F008C3 Datasheet HTML 14Page - Intel Corporation 28F008C3 Datasheet HTML 15Page - Intel Corporation 28F008C3 Datasheet HTML 16Page - Intel Corporation 28F008C3 Datasheet HTML 17Page - Intel Corporation 28F008C3 Datasheet HTML 18Page - Intel Corporation 28F008C3 Datasheet HTML 19Page - Intel Corporation 28F008C3 Datasheet HTML 20Page - Intel Corporation 28F008C3 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
17
PRODUCT PREVIEW
Table 6. Command Codes and Descriptions (Continued)
Code
Device Mode
Description
2F
Lock-Down
If the previous command was a Configuration Set-Up command, the CUI will
latch the address and lock-down the block indicated on the address pins.
(Section 3.3)
98
Read
Query
Puts the device into the Read Query mode, so that reading the device will
output Common Flash Interface information. See Section 3.2.4 and Appendix C.
C0
Protection
Program
Setup
This is a two-cycle command. The first cycle prepares the CUI for an program
operation to the Protection Register. The second cycle latches addresses and
data information and initiates the WSM to execute the Protection Program
algorithm to the Protection Register. The flash outputs status register data when
CE# or OE# is toggled. A Read Array command is required after programming
to read array data. See Section 3.4.
10
Alt. Prog Set-Up
Operates the same as Program Set
-up command. (See 40H/Program Set-Up)
00
Invalid/
Reserved
Unassigned commands that should not be used. Intel reserves the right to
redefine these codes for future functions.
NOTE:
See Appendix A for mode transition information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com