Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 42 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 42 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 38Page - Intel Corporation 28F008C3 Datasheet HTML 39Page - Intel Corporation 28F008C3 Datasheet HTML 40Page - Intel Corporation 28F008C3 Datasheet HTML 41Page - Intel Corporation 28F008C3 Datasheet HTML 42Page - Intel Corporation 28F008C3 Datasheet HTML 43Page - Intel Corporation 28F008C3 Datasheet HTML 44Page - Intel Corporation 28F008C3 Datasheet HTML 45Page - Intel Corporation 28F008C3 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
42
PRODUCT PREVIEW
Start
Write 20H
Write D0H and
Block Address
Read Status Register
SR.7 =
Full Status
Check if Desired
Block Erase Complete
FULL STATUS CHECK PROCEDURE
Bus Operation
Write
Write
Standby
Repeat for subsequent block erasures.
Full Status Check can be done after each block erase or after a sequence of
block erasures.
Write FFH after the last write operation to reset device to read array mode.
Bus Operation
Standby
SR. 1 and 3 MUST be cleared, if set during an erase attempt, before further
attempts are allowed by the Write State Machine.
SR.1, 3, 4, 5 are only cleared by the Clear Staus Register Command, in cases
where multiple bytes are erased before full status is checked.
If an error is detected, clear the status register before attempting retry or other
error recovery.
No
Yes
Suspend Erase
Suspend
Erase Loop
1
0
Standby
Command
Erase Setup
Erase Confirm
Comments
Data = 20H
Addr = Within Block to Be
Erased
Data = D0H
Addr = Within Block to Be
Erased
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = V
PP Low Detect
Check SR.4,5
Both 1 = Command Sequence
Error
Read Status Register
Data (See Above)
V
PP Range Error
Command Sequence
Error
Block Erase
Successful
SR.3 =
SR.4,5 =
1
0
1
0
Block Erase Error
SR.5 =
1
0
Attempted Erase of
Locked Block - Aborted
SR.1 =
1
0
Read
Status Register Data Toggle
CE# or OE# to Update Status
Register Data
Standby
Check SR.5
1 = Block Erase Error
Standby
Check SR.1
1 = Attempted Erase of
Locked Block - Erase Aborted
Figure 14. Automated Block Erase Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com