Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008C3 Datasheet(PDF) 48 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 44Page - Intel Corporation 28F008C3 Datasheet HTML 45Page - Intel Corporation 28F008C3 Datasheet HTML 46Page - Intel Corporation 28F008C3 Datasheet HTML 47Page - Intel Corporation 28F008C3 Datasheet HTML 48Page - Intel Corporation 28F008C3 Datasheet HTML 49Page - Intel Corporation 28F008C3 Datasheet HTML 50Page - Intel Corporation 28F008C3 Datasheet HTML 51Page - Intel Corporation 28F008C3 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
48
PRODUCT PREVIEW
C.3
BLOCK LOCK STATUS
The Block Lock Status indicates the locking settings of a block.
Table C4. Block Lock Status Register
Offset
Length
(bytes)
Description
C3
x16 Device/Mode
(BA+2)h(1)
01h
Block Lock Status
BA+2:
(see Section 3.3)
NOTE:
1. BA = The beginning location of a Block Address (i.e., 008000h is the beginning location of block 1 in word mode.)
C.4
CFI QUERY IDENTIFICATION STRING
The Identification String provides verification that the component supports the Common Flash Interface
specification. Additionally, it indicates which version of the spec and which vendor
-specified command set(s)
is (are) supported.
Table C5. CFI Identification
Offset
Length
(Bytes)
Description
8-Mbit, 16-Mbit, 32-Mbit
10h
03h
Query
-Unique ASCII string “QRY“
10: 51
11: 52
12: 59
13h
02h
Primary Vendor Command Set and Control Interface
ID Code
16
-bit ID Code for Vendor-Specified Algorithms
13: 03
14: 00
15h
02h
Address for Primary Algorithm Extended Query
Table
Offset value =
P = 35h
15: 35
16: 00
17h
02h
Alternate Vendor Command Set and Control
Interface ID Code
Second Vendor
-Specified Algorithm Supported
Note: 0000h means none exists
17: 00
18: 00
19h
02h
Address for Secondary Algorithm Extended Query
Table
Note: 0000h means none exists
19: 00
1A: 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com