Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 4 Page - Semtech Corporation

  GS3441 Datasheet HTML 1Page - Semtech Corporation GS3441 Datasheet HTML 2Page - Semtech Corporation GS3441 Datasheet HTML 3Page - Semtech Corporation GS3441 Datasheet HTML 4Page - Semtech Corporation GS3441 Datasheet HTML 5Page - Semtech Corporation GS3441 Datasheet HTML 6Page - Semtech Corporation GS3441 Datasheet HTML 7Page - Semtech Corporation GS3441 Datasheet HTML 8Page - Semtech Corporation GS3441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
4 of 25
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 GS3441 Pin Assignment
Figure 1-1: GS3441 Pin Out
1.2 GS3441 Pin Descriptions
5
6
78
16
15
14
13
1
2
3
4
12
11
10
9
17
18
19
20
21
22
23
24
GAIN_SEL
VEE_A
VEE_O1
GS3441
24-pin QFN
(top view)
DDO1
DDO1
VEE_O2
DDO2
DDO2
AGC
Ground Pad
(bottom of package)
SDI
SDI
VCC_A
Table 1-1: GS3441 Pin Descriptions
Pin Number
Name
Timing
Type
Description
1VCC_A
Analog
Power
Most positive power supply connection for the input buffer, core
and control circuits.
Connect to +3.3V DC.
2
VEE_A
Analog
Power
Most negative power supply connection for the input buffer, core
and control circuits
Connect to GND.
3, 4
SDI, SDI
Analog
Input
Serial digital differential input.
5
GAIN_SEL
Not
Synchronous
Input
Input Sensitivity Control.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V input that is tolerant to 3.3V levels.
When HIGH, the device compensates for an additional 6dB of loss
across the entire operating band.
This pin has an internal pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com