Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3441 Datasheet HTML 1Page - Semtech Corporation GS3441 Datasheet HTML 2Page - Semtech Corporation GS3441 Datasheet HTML 3Page - Semtech Corporation GS3441 Datasheet HTML 4Page - Semtech Corporation GS3441 Datasheet HTML 5Page - Semtech Corporation GS3441 Datasheet HTML 6Page - Semtech Corporation GS3441 Datasheet HTML 7Page - Semtech Corporation GS3441 Datasheet HTML 8Page - Semtech Corporation GS3441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
Proprietary & Confidential
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
GS3441
www.semtech.com
Key Features
• SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
•Automatic cable equalization
• Multi-standard operation from 125Mb/s to 2.97Gb/s
• Performance optimized for 270Mb/s, 1.485Gb/s and
2.97Gb/s. Typical equalized length of Belden 1694A
cable up to:
210m at 2.97Gb/s
300m at 1.485Gb/s
550m at 270Mb/s
• Supports DVB-ASI at 270Mb/s
• Supports MADI at 125Mb/s
• Dual, independently-controlled outputs
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Programmable carrier detect with squelch threshold
adjustment
• Cable Length Indicator (CLI) output; varies
monotonically with input cable length
• Automatic power-down on loss of signal
Standby power <35 mW (typical)
• Differential outputs support DC coupling from 1.2V to
3.3V CML logic
• Option to compensate for 6dB flat attenuation prior to
input of device
• Selectable output de-emphasis: 2dB, 4dB and 6dB
• Standard EIA/JEDEC logic control and status signal
levels
• Single 3.3V power supply operation
• 180mW (one output enabled), 212mW (both outputs
enabled) typical power consumption
• Wide operating temperature range of -40ºC to +85ºC
• Small footprint QFN package (4mm x 4mm)
• Pb-free and RoHS compliant
Applications
• SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
coaxial cable serial digital interfaces
Description
The GS3441 is a high-speed BiCMOS device designed to
equalize and restore signals received over 75
Ω coaxial
cable.
The device is designed to support SMPTE ST 424,
SMPTE ST 292 and SMPTE ST 259, and is optimized for
performance at 270Mb/s, 1.485Gb/s and 2.97Gb/s.
The GS3441 features DC restoration to compensate for the
DC content of SMPTE pathological signals.
The Carrier Detect output pin (CD) indicates whether an
input signal has been detected. It can be connected directly
to the SLEEP pin to enable automatic power-down upon
loss of carrier.
A voltage programmable threshold, set via the SQ_ADJ pin,
forces CD high when the input signal amplitude falls below
the threshold. This allows the GS3441 to distinguish
between low-amplitude SDI signals and noise at the input
of the device.
The equalizing and DC restore stages are disengaged and
no equalization occurs when the BYPASS pin is HIGH.
Setting the BYPASS pin HIGH is useful for signals launched
at the signal source with low data rates and/or slow rise/fall
times.
The GS3441 features a gain selection pin (GAIN_SEL) which
can be used to compensate for 6dB flat attenuation prior to
input of the device.
The differential outputs can be DC-coupled to Semtech’s
reclockers and cable drivers, as well as industry-standard
1.2V, 1.8V, 2.5V and 3.3V CML logic by changing the
voltage applied to the VCC_O pin. In general, DC-coupling
to any termination voltage between 1.2V and 3.3V is
supported.


Similar Part No. - GS3441

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
Automatic power-down on loss of signal
More results

Similar Description - GS3441

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com