Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS3441 Datasheet HTML 14Page - Semtech Corporation GS3441 Datasheet HTML 15Page - Semtech Corporation GS3441 Datasheet HTML 16Page - Semtech Corporation GS3441 Datasheet HTML 17Page - Semtech Corporation GS3441 Datasheet HTML 18Page - Semtech Corporation GS3441 Datasheet HTML 19Page - Semtech Corporation GS3441 Datasheet HTML 20Page - Semtech Corporation GS3441 Datasheet HTML 21Page - Semtech Corporation GS3441 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
18 of 25
Proprietary & Confidential
www.semtech.com
4.8 Cable Length Indicator (CLI)
The GS3441 has a Cable Length Indicator output. This is an analog voltage in the range
of 0V to 3.3V, varying monotonically with the input cable length. See Figure 4-4 and
Table 4-6 below.
Figure 4-4: Cable Length Indicator Output
Note:
The CLI output voltage is referenced to VCC_A.
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
0
100
200
300
400
500
600
CABLE LENGTH (m)
Table 4-6: Cable Length Indicator Output
Cable Length (m)
0
40
120
160
180
200
210
260
300
400
500
600
CLI (V)
0.54
0.59
0.75
0.91
0.96
1.01
1.09
1.24
1.39
1.59
2.03
2.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com