Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS3441 Datasheet HTML 4Page - Semtech Corporation GS3441 Datasheet HTML 5Page - Semtech Corporation GS3441 Datasheet HTML 6Page - Semtech Corporation GS3441 Datasheet HTML 7Page - Semtech Corporation GS3441 Datasheet HTML 8Page - Semtech Corporation GS3441 Datasheet HTML 9Page - Semtech Corporation GS3441 Datasheet HTML 10Page - Semtech Corporation GS3441 Datasheet HTML 11Page - Semtech Corporation GS3441 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
8 of 25
Proprietary & Confidential
www.semtech.com
Power Consumption
PD
VCC_O1 = 1.2V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–
180
218
mW
2
VCC_O1 = 1.2V,
VCC_O2= 1.2V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–
212
260
mW
2
VCC_O1 = 1.2V,
VCC_O2= 1.2V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–
237
290
mW
2
VCC_O1 = 2.5V,
VCC_O2= 2.5V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–
245
299
mW
2
VCC_O1 = 3.3V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–
202
244
mW
2
VCC_O1 = 3.3V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–
240
292
mW
2
VCC_O1 = 3.3V,
VCC_O2= 3.3V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–
258
316
mW
2
VCC_O1 = 3.3V,
VCC_O2= 3.3V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–
325
395
mW
2
Supply Current - Core
Is
Both outputs on
–
53
59
mA
3
Supply Current - Output
Driver (one output enabled)
IOutput
Driver
VCC_O1 & VCC_O2 =
3.3V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–10
14
mA
–
VCC_O1 & VCC_O2 =
3.3V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–19
24
mA
–
Input Common Mode Voltage
VCMIN
–
1.62
1.71
1.80
V
–
Table 2-2: DC Electrical Characteristics (Continued)
VCC = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com