Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS3441 Datasheet HTML 12Page - Semtech Corporation GS3441 Datasheet HTML 13Page - Semtech Corporation GS3441 Datasheet HTML 14Page - Semtech Corporation GS3441 Datasheet HTML 15Page - Semtech Corporation GS3441 Datasheet HTML 16Page - Semtech Corporation GS3441 Datasheet HTML 17Page - Semtech Corporation GS3441 Datasheet HTML 18Page - Semtech Corporation GS3441 Datasheet HTML 19Page - Semtech Corporation GS3441 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
16 of 25
Proprietary & Confidential
www.semtech.com
4.6 GAIN_SEL
The GS3441 has an option of compensating for 6dB of flat attenuation prior to the
equalizer.
4.7 Adjustable Output Swing, De-Emphasis and Mute
The OP1_CTL input pin determines the output swing and de-emphasis settings for the
first output (DDO1/DDO1), and OP2_CTL input pin determines the output swing and
de-emphasis settings for the second output (DDO2/DDO2).
The OP1_CTL and OP2_CTL pins are both analog inputs, allowing different
combinations of output swing, de-emphasis and mute. The possible values are listed in
Table 4-5 below:
When muted, the output swing is set to 425mVppd and the outputs are latched.
Table 4-3: CD Output Table
CD
Input Status
0Valid input on SDI, SDI pins
1
Input is not valid
Table 4-4: GAIN_SEL Input Table
GAIN_SEL
Function
0No flat band gain is applied
1
6dB of flat attenuation will be
compensated by the device
Table 4-5: OP1_CTL and OP2_CTL Functions and Levels
Level
Swing (mVppd)
De-emphasis
Mute
Voltage (V)
0
850mVppd
Off
N
0.000 - 0.083
1
850mVppd
2dB
N
0.234 - 0.394
2
850mVppd
4dB
N
0.545 - 0.704
3
850mVppd
6dB
N
0.856 - 1.015
4
425mVppd
Off
N
1.166 - 1.333
5
425mVppd
2dB
N
1.484 - 1.644
6
425mVppd
4dB
N
1.795 - 1.954
7
425mVppd
6dB
N
2.106 - 2.265
8
425mVppd
N/A
Y
2.416 - 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com